Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMAR05 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCMAR05
Description  DC/DC Switching Regulator Single Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMAR05 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCMAR05 Datasheet HTML 1Page - Wall Industries,Inc. DCMAR05 Datasheet HTML 2Page - Wall Industries,Inc. DCMAR05 Datasheet HTML 3Page - Wall Industries,Inc. DCMAR05 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev A
DCMAR05 SERIES
0.5A
DC/DC Switching Regulator
Single Outputs
5/22/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
MECHANICAL DRAWINGS
Pin Connections
Pin
Function
1
+Vin
2
GND
3
+Vout
Notes:
All dimensions in mm (inches)
Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 (X.XXX±0.01)
Pins ±0.05 (±0.002)
TEST SETUP
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.47µF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth 0-20MHz.
Position the load between 50mm and 75mm from the DC/DC converter.
TECHNICAL NOTES
Output Ripple Reduction
A good quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce
output ripple, it is recommended to use 3.3µF capacitors at the output.
Maximum Capacitive Load
The DCMAR05 series has limitation of maximum connected capacitance on the output. The power module may operate in current limiting mode
during start-up, affecting the ramp-up and the startup time. Maximum capacitance can be found in the data sheet.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com