Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4284 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4284
Description  Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4284 Datasheet HTML 3Page - Infineon Technologies AG TLE4284 Datasheet HTML 4Page - Infineon Technologies AG TLE4284 Datasheet HTML 5Page - Infineon Technologies AG TLE4284 Datasheet HTML 6Page - Infineon Technologies AG TLE4284 Datasheet HTML 7Page - Infineon Technologies AG TLE4284 Datasheet HTML 8Page - Infineon Technologies AG TLE4284 Datasheet HTML 9Page - Infineon Technologies AG TLE4284 Datasheet HTML 10Page - Infineon Technologies AG TLE4284 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Target Data Sheet Rev. 0.2
7
2000-10-06
TLE 4284
Characteristics Adjustable Output Voltage Device TLE 4284 DV
–40
°C< T
j < 150 °C; VI – VQ =5 V, IQ =10 mA; unless otherwise specified
Parameter
Sym-
bol
Limit Values
Unit
Measuring Conditions
min.
typ.
max.
Reference voltage
V
REF
1)
1.20
1.25
1.30
V
–
Line regulation
∆V
Q
–
0.3
1.0
%
3 V
≤ (V
I – VQ) ≤ 40 V
Load regulation
∆V
Q
–
0.3
1.5
%
10 mA
≤ I
Q ≤ 800 mA;
V
I =4.25 V; VQ = VREF
Drop voltage
V
DR
–
2.1
–
V
I
Q = 100 mA
2)
Drop voltage
V
DR
–
2.15
–
V
I
Q = 500 mA
2)
Drop voltage
V
DR
–
2.2
–
V
I
Q = 800 mA
2)
Current
consumption;
I
q = II – IQ
I
q
–
100
120
µA
I
Q =10 mA
Adjust current
I
ADJ
–
100
120
µA
I
Q =10 mA
Adjust current
change
∆I
ADJ
–
± 0.2 ± 1
µA10 mA ≤ I
Q ≤ 800 mA;
3V
≤ (V
I – VQ) ≤ 20 V
Adjust current
change
∆I
ADJ
–
± 0.2 ± 1
µA10 mA ≤ I
Q ≤ 200 mA;
3V
≤ (V
I – VQ) ≤ 40 V
Temperature stability ––
1
–
%
3)
Minimum load current
I
Q
–
3.5
10
mA
V
I – VQ =40 V
Current limit
I
Qmax
1000 –
2200 mA
V
I = 13.5 V
Current limit
I
Qmax
50
200
–
mA
V
I – VQ =40 V; Tj =25 °C
RMS Output Noise
––
3
–
ppm
ppm of
V
Q;10 Hz ≤ f ≤ 10k;
T
j =25 °C
1)
Power Supply Ripple
Rejection
PSRR
–
65
–
dB
V
Q =10 V, fr = 120 Hz,
V
r =0.5 VPP, CADJ =0 µF
1)
Power Supply Ripple
Rejection
PSRR
65
80
–
dB
V
Q =10 V, fr = 120 Hz,
V
r =0.5 VPP, CADJ =10 µF
1)
Long Term Stability
∆V
Q
–
0.3
1
%
T
j = 125 °C, 1000 h
1)
1)
V
REF = VQ – VADJ
2)
Drop voltage measured when the output voltage has dropped 100 mV from the nominal value obtained at
V
Q =VREF.
3)
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com