Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4284 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4284
Description  Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4284 Datasheet HTML 7Page - Infineon Technologies AG TLE4284 Datasheet HTML 8Page - Infineon Technologies AG TLE4284 Datasheet HTML 9Page - Infineon Technologies AG TLE4284 Datasheet HTML 10Page - Infineon Technologies AG TLE4284 Datasheet HTML 11Page - Infineon Technologies AG TLE4284 Datasheet HTML 12Page - Infineon Technologies AG TLE4284 Datasheet HTML 13Page - Infineon Technologies AG TLE4284 Datasheet HTML 14Page - Infineon Technologies AG TLE4284 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TLE 4284
Target Data Sheet Rev. 0.2
12
2000-10-06
In the fixed voltage TLE 4284 devices the output voltage is divided internally and
compared to an internal reference of 1.25 V typical. The regulation loop controls the
output voltage to achieve the output voltage of 5 V, 3.3 V or 2.5 V. The variable device
compares the voltage difference between the adjust pin ADJ and the output pin Q to the
internal reference of 1.25 V; the output voltage is adjusted by an external voltage divider
between Q, ADJ and GND (see equation in Figure 7).
Output
The output current limitation is reduced as a function of the input voltage for high input
voltages above 25 V.
The TLE 4284 requires no output capacitor for stability, however we recommend to use
a ceramic capacitor to filter any noise and improve the transient response.
At the input of the regulator a capacitor is necessary for compensation of line influences.
A resistor of approx. 1
Ω in series with C
I can damp the LC of the input inductivity and
the input capacitor. A serial diode should be used to eliminate negative voltages from the
input.
For the variable voltage type an additional decoupling a capacitor
C
ADJ at the adjust pin
can improve the ripple rejection ratios.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com