Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1306 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SC1306
Description  Silicon NPN Transistor Final RF Power Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SC1306 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SC1306 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SC1306 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC1306
Silicon NPN Transistor
Final RF Power Output
Description:
The 2SC1306 is a silicon NPN transistor in a TO220 type
case designed for use in high power output amplifier
stages such as citizen band communications equipment.
WINTransceiver
B C E
Absolute Maximum Ratings: (TC = +25°C unless otherwise specified)
Collector-Emitter Voltage (RBE = 150 Ohm), VCER
75V
Collector-Base Voltage, VCBO
80V
Emitter-Base Voltage, VEBO
5V
Collector Current, IC
Continuous
Peak
3A
5A
Collector Power Dissipation (TA = +25°C), PD
1.2W
Collector Power Dissipation (TC = +50°C), PD
10W
Operating Junction Temperature, TJ
+150°C
Storage Temperature Range, Tstg
-55° to +150°C
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min Typ Max Unit
Collector-Base Breakdown Voltage
V(BR)CBO IC = 100µA, IB = 0
80
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CER IC = 1mA, RBE = 150 Ohm
75
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO IE = 100µA, IC = 0
5
-
-
V
Collector Cutoff Current
ICBO
VCB = 40V IE = 0
-
-
10
µA
Emitter Cutoff Current
IEBO
VEB = 4V, IC = 0
-
-
10
µA
DC Current Gain
hFE
VCE = 5V, IC = 0.5A
25
-
200
Collector-Emitter Saturation Voltage
VCE(sat) IC = 1A, IB = 0.1A
-
0.15 0.60
V
Base-Emitter Saturation Voltage
VBE(sat) IC = 1A, IB = 0.1A
-
0.9
1.2
V
Current Gain-Bandwidth Product
fT
VCE = 10V, IC = 0.1A
100 150
-
MHz
Output Capacitance
Cob
VCB = 10V, f = 1MHz
25
-
-
Power Output
PO
4.0
-
-
W
Collector Efficiency
VCC = 12V, Pin = 0.2W, f = 27MHz
60
-
-
%


Similar Part No. - 2SC1306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC1307 ETC-2SC1307 Datasheet
376Kb / 2P
NPN SILICON FPITAXAIL TRANSISTOR
2SC1308 ETC1-2SC1308 Datasheet
40Kb / 1P
TO-3 Power Package Transistors (NPN)
logo
Inchange Semiconductor ...
2SC1308 ISC-2SC1308 Datasheet
128Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC1308 SAVANTIC-2SC1308 Datasheet
108Kb / 3P
Silicon NPN Power Transistors
2SC1308 SAVANTIC-2SC1308 Datasheet
109Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC1306

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE235 NTE-NTE235 Datasheet
20Kb / 2P
Silicon NPN Transistor Final RF Power Output
NTE236 NTE-NTE236 Datasheet
21Kb / 2P
Silicon NPN Transistor Final RF Power Output (PO = 16W, 27MHz, SSB)
NTE282 NTE-NTE282 Datasheet
22Kb / 2P
Silicon NPN Transistor Final RF Power Amp, Switch
NTE318 NTE-NTE318 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Output
NTE322 NTE-NTE322 Datasheet
27Kb / 3P
Silicon NPN Transistor RF Power Output
NTE470 NTE-NTE470 Datasheet
24Kb / 2P
Silicon NPN Transistor RF Power Output
NTE78 NTE-NTE78 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output
NTE224 NTE-NTE224 Datasheet
55Kb / 2P
Silicon NPN Transistor Final RF Power Output for CB PO = 4W, 50MHz
NTE339 NTE-NTE339 Datasheet
75Kb / 2P
Silicon NPN Transistor RF Power Output
logo
New Jersey Semi-Conduct...
2SC2166 NJSEMI-2SC2166 Datasheet
92Kb / 1P
Silicon NPN Transistor Final RF Power Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com