Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6TPB470M Datasheet(PDF) 6 Page - International Rectifier

Part # 6TPB470M
Description  IRDCiP1202-A, 300kHz, Dual 15A, 5.5VIN to 13.2VIN Dual Output Synchronous Buck Converter using iP1202
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6TPB470M Datasheet(HTML) 6 Page - International Rectifier

  6TPB470M Datasheet HTML 1Page - International Rectifier 6TPB470M Datasheet HTML 2Page - International Rectifier 6TPB470M Datasheet HTML 3Page - International Rectifier 6TPB470M Datasheet HTML 4Page - International Rectifier 6TPB470M Datasheet HTML 5Page - International Rectifier 6TPB470M Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.irf.com
6
IRDCiP1202-A
Table 1 - Reference Design Bill of Materials
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: ++ 1 310 252 7105
Technical Assistance Center (TAC) Fax : ++ 1 310 252 7903
Use of this design for any application should be fully verified by the customer.
International Rectifier cannot guarantee suitability for your applications, and is not
liable for any result of usage for such applications including, without limitation,
personal or property damage or violation of third party intellectual property rights.
IRDCiP1202-A (Single, paralleled output configuration(for 1.5V output)
IRDCiP1202-A (Dual, Independent output configurations(Channel1 1.5V output, Channel2 2.5V output)
QTY
REF DESIGNATOR
DESCRIPTION
SIZE
MFR
PART NUMBER
6
C1, C2, C3, C4, C22, C23
Capacitor, ceramic, 33µF, 16V, X5R, 20%
1812
TDK
C4532X5R1C336MT
4
C7, C8, C14, C17
Capacitor, ceramic, 0.1µF, 50V, X7R, 10%
0603
TDK
C1608X7R1H104K
1
C11
Capacitor, ceramic, 0.012uF, 50V, X7R, 10%
0603
Phycomp
06032R123K8B20
4
C12, C13, C15, C16
Capacitor, poscap, 470µF, 6.3V, electrolytic 20%
7343
Sanyo
6TPB470M
3
C10, C26, C27
Capacitor, ceramic, 100pF, 50V, NPO, 5%
0603
Phycomp
0603CG101J9B20
1C9
Capacitor, ceramic, 0.018uF, 25V, X7R, 10%
0603
Phycomp
06032R183K8B20
2
L1, L2
Inductor, 1µH, 19A, 20%
13.0mm X 12.9mm
Panasonic
ETQP1H1R0BFA
2
R13, R9
Resistor, thick film, 887Ω, 1/10W, 1%
0603
KOA
RK73H1J8870F
2
R10, R11
Resistor, thick film, 2.15kΩ, 1/10W, 1%
0603
KOA
RK73H1J2151F
4
R7, R8, R12, R14
Resistor, thick film, 1.0kΩ, 1/10W, 1%
0603
KOA
RK73H1J1001F
2ROC1,ROC2
Resistor, thick film, 51.1kΩ, 1/10W, 1%
0603
KOA
RK73H1J5112F
2
R15, R19
Resistor, manganin-foil, 0Ω, 2W
2716
Isotek Corp
SMT-R000
1
R4
Resistor, thick film, 0Ω, 1/10W, 5%
0603
ROHM
MCR03EZHJ000
14
C18, C19, C20, C21, C24,
C25, R16, R17, R22, R23,
R24, R25, R26, R27
Not installed
-
-
-
2R1, R2
Resistor, thick film, 100kΩ, 1/10W, 1%
0603
KOA
RK73H1J1003F
1R5
Resistor, thick film, 2.49kΩ, 1/10W, 1%
0603
KOA
RK73H1J2491F
1R6
Resistor, thick film, 3.32kΩ, 1/10W, 1%
0603
KOA
RK73H1JLTD3321F
1R3
Resistor, thick film, 30.9kΩ, 1/10W, 1%
0603
KOA
RK73H1J3092F
1
U1
BGA Power Block
9.25mm X 15.5mm
IR
iP1202
QTY
REF DESIGNATOR
DESCRIPTION
SIZE
MFR
PART NUMBER
6
C1, C2, C3, C4, C22, C23
Capacitor, ceramic, 33µF, 16V, X5R, 20%
1812
TDK
C4532X5R1C336MT
4
C7, C8, C14, C17
Capacitor, ceramic, 0.1µF, 50V, X7R, 10%
0603
TDK
C1608X7R1H104K
1
C11
Capacitor, ceramic, 0.012uF, 50V, X7R, 10%
0603
Phycomp
06032R123K8B20
4
C12, C13, C15, C16
Capacitor, poscap, 470µF, 6.3V, electrolytic 20%
7343
Sanyo
6TPB470M
3
C10, C26, C27
Capacitor, ceramic, 100pF, 50V, NPO, 5%
0603
Phycomp
0603CG101J9B20
1
C9
Capacitor, ceramic, 0.018uF, 25V, X7R, 10%
0603
Phycomp
06032R183K8B20
2
L1, L2
Inductor, 1µH, 19A, 20%
13.0mm X 12.9mm
Panasonic
ETQP1H1R0BFA
2R13, R9
Resistor, thick film, 887Ω, 1/10W, 1%
0603
KOA
RK73H1J8870F
2R7, R14
Resistor, thick film, 1.0kΩ, 1/10W, 1%
0603
KOA
RK73H1J1001F
2
ROC1,ROC2
Resistor, thick film, 51.1kΩ, 1/10W, 1%
0603
KOA
RK73H1J5112F
2R15, R19
Resistor, alloy metal, 5mΩ, 1W, 1%
2512
Panasonic
ERJM1WSF5M0U
1R27
Resistor, manganin-foil, 0Ω, 2W
2716
Isotek Corp
SMT-R000
3
R16, R17, R22
Resistor, thick film, 0Ω, 1/16W
0603
ROHM
MCR03EZHJ000
15
C18, C19, C20, C21, C24,
C25, R10, R11, R12, R4,
R8, R23, R24, R25, R26
Not installed
-
-
-
2R1, R2
Resistor, thick film, 100kΩ, 1/10W, 1%
0603
KOA
RK73H1J1003F
1R5
Resistor, thick film, 2.49kΩ, 1/10W, 1%
0603
KOA
RK73H1J2491F
1R6
Resistor, thick film, 3.32kΩ, 1/10W, 1%
0603
KOA
RK73H1JLTD3321F
1R3
Resistor, thick film, 30.9kΩ, 1/10W, 1%
0603
KOA
RK73H1J3092F
1
U1
BGA Power Block
9.25mm X 15.5mm
IR
iP1202



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com