Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6TPB470M Datasheet(PDF) 1 Page - International Rectifier

Part # 6TPB470M
Description  IRDCiP1202-A, 300kHz, Dual 15A, 5.5VIN to 13.2VIN Dual Output Synchronous Buck Converter using iP1202
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6TPB470M Datasheet(HTML) 1 Page - International Rectifier

  6TPB470M Datasheet HTML 1Page - International Rectifier 6TPB470M Datasheet HTML 2Page - International Rectifier 6TPB470M Datasheet HTML 3Page - International Rectifier 6TPB470M Datasheet HTML 4Page - International Rectifier 6TPB470M Datasheet HTML 5Page - International Rectifier 6TPB470M Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
07/04/03
IRDCiP1202-A, 300kHz, Dual 15A, 5.5V
IN to 13.2VIN Dual
Output Synchronous Buck Converter using iP1202
Overview
The iP1202 is fully optimized solution for medium current synchro-
nous buck applications requiring up to 15A or 30A. In this document,
Fig. 1 and 2 are provided to enable engineers to easily evaluate the
iP1202 in an independent and parallel configuration that is capable of
providing up to 15A per phase with double-sided heat sinking. Fig. 4, 5
and 6 and the complete bill of materials in Table 1 are provided as a
reference design to enable engineers to very quickly and easily design
a dual phase converter. In order to optimize this design to your
specific requirements, refer to the iP1202 data sheet for guidelines on
external component selection and user adjustable limits and specifi-
cations. Custom designs may require layout modifications.
Demoboard Quick Start Guide
Initial Settings:
•
The output1 is set to 1.5V and output2 is set to 2.5V for independent configuration.
•
The output1 is set to 1.5V with R4, R8, R10, R11 and R12 removed for parallel configuration.
•
Output can be adjusted from 0.8V to 3.3V as follow:
1. V
OUT1: R9=R13= R7 [(VOUT 1/ Vref) – 1]. Set R7=R14=1k,Vref=0.8V
2. V
OUT2: R10=R11= R8 [(VOUT2 / Vref) – 1]. Set R8=R12=1k,Vref=0.8V.
•
The switching frequency is set to R3=30.9k for 300kHZ
•
The input voltage range can be increased to allow operation between 5.5V
IN and 13.2VIN.
•
For paralleled single output operation see Fig. 6 for configuration table in reference design
schematic.
Procedure for Connecting and Powering Up Demoboard:
1.
Apply input voltage (5.5V-13.2V) across V
IN and PGND
2.
Apply load across VOUT1 pad and PGND pad and VOUT2 pad and PGND pad for independent
configuration.
3.
Apply load across VOUT1 pad and PGND pad and short R27 for parallel configuration.
4.
Adjust load accordingly.
IRDCiP1202-A Recommended Operating Conditions
(refer to the iP1202 datasheet for maximum operating conditions)
Input voltage:
5.5 - 13.2V
Output voltage:
Can be set between 0.8V – 3.3V
Output current:
Up to 15A (see recommended operating area Fig. 1, 2 and 3). The maximum current
should be limited to 11.5A if the PCB is the only heat sink.
Switching Freq: 200kHz to 400kHz selectable.
IRDCiP1202-A
International Rectifier
• 233 Kansas Street, El Segundo, CA 90245 USA
REFERENCE DESIGN
REFERENCE DESIGN


Similar Part No. - 6TPB470M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
6TPB470M SANYO-6TPB470M Datasheet
103Kb / 2P
standard products corresponding to the diversification of the needs
logo
Panasonic Semiconductor
6TPB470M PANASONIC-6TPB470M Datasheet
53Kb / 1P
Surface Mount Type
logo
Sanyo Semicon Device
6TPB470M SANYO-6TPB470M Datasheet
58Kb / 2P
TPB Series
More results

Similar Description - 6TPB470M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP1201-A IRF-IRDCIP1201-A Datasheet
212Kb / 6P
300kHz, Dual 15A, 3.14V IN to 5.5V IN Dual Output Synchronous Buck Converter using iP1201
IRDCIP1001-B IRF-IRDCIP1001-B Datasheet
586Kb / 6P
200kHz to 300kHz, 20A, 5VIN to 12VIN Single Phase Synchronous Buck Converter using iP1001
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
Dual Synchronous Buck Converter
logo
International Rectifier
IRDCIP1203-A IRF-IRDCIP1203-A Datasheet
1Mb / 14P
IRDCiP1203-A: 400kHz, 15A, Synchronous Buck Converter Using iP1203
IRDCIP1206-B IRF-IRDCIP1206-B Datasheet
2Mb / 17P
IRDCiP1206-B: 300 kHz, Dual Output, Synchronous Buck Converter using iP1206
logo
Linear Technology
LTC3850EUF LINER-LTC3850EUF Datasheet
432Kb / 10P
Dual Phase/Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
High Current, Dual Output Synchronous Buck Converter
LTC3855EFE LINER-LTC3855EFE Datasheet
312Kb / 12P
Dual Output Synchronous Buck Converter
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
High Current, Dual Output Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com