Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1806CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1806CS8
Description  325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1806CS8 Datasheet(HTML) 7 Page - Linear Technology

  LT1806CS8 Datasheet HTML 1Page - Linear Technology LT1806CS8 Datasheet HTML 2Page - Linear Technology LT1806CS8 Datasheet HTML 3Page - Linear Technology LT1806CS8 Datasheet HTML 4Page - Linear Technology LT1806CS8 Datasheet HTML 5Page - Linear Technology LT1806CS8 Datasheet HTML 6Page - Linear Technology LT1806CS8 Datasheet HTML 7Page - Linear Technology LT1806CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LT1806
7
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
q
200
900
µV
VCM = V–
q
200
900
µV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = V
+
q
1.5
5
µV/°C
VCM = V–
q
1.5
5
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V– to V+
q
100
900
µV
IB
Input Bias Current
VCM = V+ – 0.1V
q
1.2
7
µA
VCM = V– + 0.2V
q
–16
–5
µA
∆IB
Input Bias Current Shift
VCM = V– + 0.2V to V+ – 0.1V
q
6.2
23
µA
IOS
Input Offset Current
VCM = V+ – 0.1V
q
0.03
1
µA
VCM = V– + 0.2V
q
0.04
2.2
µA
∆IOS
Input Offset Current Shift
VCM = V– + 0.2V to V+ – 0.1V
q
0.07
3.2
µA
AVOL
Large Signal Voltage Gain
VO = –4V to 4V, RL = 1kΩ
q
80
175
V/mV
VO = –2V to 2V, RL =100Ω
q
817
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V– to V+
q
80
100
dB
Input Common Mode Range
q
V–
V+
V
PSRR
Power Supply Rejection Ratio
V+ = 2.5V to 10V, VCM = 0V
q
87
105
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
q
20
120
mV
ISINK = 5mA
q
60
170
mV
ISINK = 20mA
q
200
500
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
q
50
140
mV
ISOURCE = 5mA
q
115
260
mV
ISOURCE = 20mA
q
360
700
mV
ISC
Short-Circuit Current
q
±25
±55
mA
IS
Supply Current
q
15
22
mA
Disable Supply Current
VSHDN = 0V
q
0.45
1.5
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz
q
125
250
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = ±4V,
q
50
100
V/
µs
Measure at VO = ±2V
The q denotes the specifications which apply over the –40
°C < TA < 85°C
temperature range. VS = ±5V, VSHDN = open; VCM = 0V, VOUT = 0V unless otherwise noted. (Note 5)
ELECTRICAL CHARACTERISTICS
meet specified performance from –40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LT1806I is guaranteed to meet
specified performance from –40
°C to 85°C.
Note 6: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 7: Output Voltage swings are measured between the output and
power supply rails.
Note 8: This parameter is not 100% tested.
Note 9: Thermal resistance varies depending upon the amount of PC board
metal attached to Pin 4 of the device.
θJA is specified for a 2500mm2 test
board covered with 2 oz copper on both sides.
Note 1: Absolute maximum ratings are those values beyond which the life
of the device may be impaired.
Note 2: The inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 1.4V, the input current should be limited to less than
10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT1806C/LT1806I are guaranteed functional over the
temperature range of –40
°C and 85°C.
Note 5: The LT1806C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1806C is designed, characterized and expected to



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com