Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1806CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1806CS8
Description  325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1806CS8 Datasheet(HTML) 6 Page - Linear Technology

  LT1806CS8 Datasheet HTML 1Page - Linear Technology LT1806CS8 Datasheet HTML 2Page - Linear Technology LT1806CS8 Datasheet HTML 3Page - Linear Technology LT1806CS8 Datasheet HTML 4Page - Linear Technology LT1806CS8 Datasheet HTML 5Page - Linear Technology LT1806CS8 Datasheet HTML 6Page - Linear Technology LT1806CS8 Datasheet HTML 7Page - Linear Technology LT1806CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LT1806
6
The q denotes specifications which apply over the 0
°C < TA < 70°C
temperature range. VS = ±5V, VSHDN = open; VCM = 0V, VOUT = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
q
200
800
µV
VCM = V–
q
200
800
µV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = V+
q
1.5
5
µV/°C
VCM = V
–
q
1.5
5
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V
– to V+
q
100
800
µV
IB
Input Bias Current
VCM = V
+ – 0.1V
q
16
µA
VCM = V– + 0.2V
q
–15
–6
µA
∆IB
Input Bias Current Shift
VCM = V– + 0.2V to V+ – 0.1V
q
721
µA
IOS
Input Offset Current
VCM = V
+ – 0.1V
q
0.03
0.9
µA
VCM = V– + 0.2V
q
0.04
1.9
µA
∆IOS
Input Offset Current Shift
VCM = V– + 0.2V to V+ – 0.1V
q
0.07
2.8
µA
AVOL
Large Signal Voltage Gain
VO = –4V to 4V, RL = 1kΩ
q
100
250
V/mV
VO = –2.5V to 2.5V, RL = 100Ω
q
10
25
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V– to V+
q
81
100
dB
Input Common Mode Range
q
V–
V+
V
PSRR
Power Supply Rejection Ratio
V+ = 2.5V to 10V, VCM = 0V
q
89
105
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
q
10
100
mV
ISINK = 5mA
q
45
160
mV
ISINK = 25mA
q
200
550
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
q
40
120
mV
ISOURCE = 5mA
q
110
240
mV
ISOURCE = 25mA
q
320
750
mV
ISC
Short-Circuit Current
q
±35
±75
mA
IS
Supply Current
q
14
20
mA
Disable Supply Current
VSHDN = 0V
q
0.4
1.4
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz
q
150
300
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = ±4V,
q
60
120
V/
µs
Measure at VO = ±2V
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com