Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMPP10 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCMPP10
Description  Up to 10 Watts Medical DC/DC Power Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMPP10 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCMPP10 Datasheet HTML 1Page - Wall Industries,Inc. DCMPP10 Datasheet HTML 2Page - Wall Industries,Inc. DCMPP10 Datasheet HTML 3Page - Wall Industries,Inc. DCMPP10 Datasheet HTML 4Page - Wall Industries,Inc. DCMPP10 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev E
DCMPP10 SERIES
Up to 10 Watts
Medical DC/DC Power Converters
02/04/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS: DCMPP10 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
5VDC nominal input models
4.5
5
9
VDC
12VDC nominal input models
9
12
18
24VDC nominal input models
18
24
36
48VDC nominal input models
36
48
75
Start-Up Voltage
5VDC nominal input models
4.5
VDC
12VDC nominal input models
9
24VDC nominal input models
18
48VDC nominal input models
36
Shutdown Voltage
5VDC nominal input models
4
VDC
12VDC nominal input models
8
24VDC nominal input models
16
48VDC nominal input models
33
Input Surge Voltage (3sec, max.)
5VDC nominal input models
16
VDC
12VDC nominal input models
25
24VDC nominal input models
50
48VDC nominal input models
100
Input Current
No Load
See Table
Input Filter
Pi type
Remote On/Off Control
(Only for “B” type pin connection
models)
Referenced to –INPUT pin
DC/DC ON
Open or 0 ~ 1.2VDC
DC/DC OFF
2.2 ~ 12 VDC
Input Current of CTRL Pin
Nominal Vin
-0.5
1
mA
Remote Off Input Current
Nominal Vin
2.5
mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low line to high line at full load
Single Output Models
-0.2
+0.2
%
Dual Output Models
-0.5
+0.5
Load Regulation
No load to full load
Single Output Models
-0.2
+0.2
%
Dual Output Models
-1.0
+1.0
Cross Regulation
Asymmetrical load 25%/100% FL Dual Output Models
-5.0
+5.0
%
Voltage Adjustability
(Only for “B” type pin connection
models)
Single Output Models
3.3V, 5V, 12V Output Models
-10
+10
%
15V, 24V Output Models
-10
+20
Dual Output Models
±5V, ±12V, ±15V Output Models
-10
+10
%
Output Power
See Table
Output Current
See Table
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Ripple & Noise (20MHz BW)
Measured with a 10µF/25V X7R MLCC
3.3V, 5V Output Models
30
mVp-p
Measured with a 10µF/25V X7R MLCC
12V, 15V Output Models
40
Measured with a 4.7µF/50V X7R MLCC
24V Output Models
50
Transient Response Recovery Time
25% load step change
250
µs
Start-Up Time
Constant resistive load
Power Up
30
ms
Remote On/Off
30
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
Over Load Protection
% of rated Iout; hiccup mode
150
%
Over Voltage Protection
Single Output Models
3.3V Output Models
3.7
5.0
VDC
5V Output Models
5.6
7.0
12V Output Models
13.5
16.0
15V Outputs Models
18.3
22.0
24V Output Models
29.1
34.5
Dual Output Models
5V Output Models
5.6
7.0
VDC
12V Output Models
13.5
18.2
15V Output Models
17.0
22.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com