Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMPP10 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCMPP10
Description  Up to 10 Watts Medical DC/DC Power Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMPP10 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCMPP10 Datasheet HTML 1Page - Wall Industries,Inc. DCMPP10 Datasheet HTML 2Page - Wall Industries,Inc. DCMPP10 Datasheet HTML 3Page - Wall Industries,Inc. DCMPP10 Datasheet HTML 4Page - Wall Industries,Inc. DCMPP10 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev E
DCMPP10 SERIES
Up to 10 Watts
Medical DC/DC Power Converters
02/04/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 5
CHARACTERISTIC CURVES
DCMPP10-48S05A Derating Curve
DCMPP10-48S05A Efficiency vs Input Voltage
DCMPP10-48S05A Efficiency vs Output Load
MODEL NUMBER SETUP
DCMPP
10
-
48
S
05
B
-
P (1)
T (1)
Series Name
Output Power
Input Voltage
Output Quantity
Output Voltage
Pin
Connection
Remote On/Off Option
Trim Option
10: 10 Watts
5: 5 VDC
S: Single Output
33: 3.3 VDC
A: A Type
None: No Remote On/Off
None
:
No Trim
12: 12 VDC
05: 5 VDC
B: B Type
P: Remote On/Off
T: Trim
24: 24 VDC
12: 12 VDC
48: 48 VDC
15: 15 VDC
24: 24 VDC
D: Dual Output
05: ±5 VDC
12: ±12 VDC
15: ±15 VDC
(1) Remote On/Off Control and Trim options are only available for “B” type pin connection models.
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com