Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952703 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS952703
Description  Programmable Timing Control Hub for K7 System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952703 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS952703 Datasheet HTML 4Page - Integrated Circuit Systems ICS952703 Datasheet HTML 5Page - Integrated Circuit Systems ICS952703 Datasheet HTML 6Page - Integrated Circuit Systems ICS952703 Datasheet HTML 7Page - Integrated Circuit Systems ICS952703 Datasheet HTML 8Page - Integrated Circuit Systems ICS952703 Datasheet HTML 9Page - Integrated Circuit Systems ICS952703 Datasheet HTML 10Page - Integrated Circuit Systems ICS952703 Datasheet HTML 11Page - Integrated Circuit Systems ICS952703 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS952703
Preliminary Product Preview
0813B—05/17/05
I
2C Table: Byte Count Register
Bit 7
BC7
RW
0
Bit 6
BC6
RW
0
Bit 5
BC5
RW
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
1
Bit 1
BC1
RW
1
Bit 0
BC0
RW
1
I
2C Table: WD Time Control & Async Frequency Selection Register
Bit 7
Reserved
Reserved
RW
0
Bit 6
ASYNC1
RW
0
Bit 5
ASYNC0
RW
0
Bit 4
Reserved
Reserved
RW
0
Bit 3
WDTCtrl
Watch Dog Time base
Control
RW
0
Bit 2
WD2
WD Timer Bit 2
RW
1
Bit 1
WD1
WD Timer Bit 1
RW
1
Bit 0
WD0
WD Timer Bit 0
RW
1
Fix PLL Async Freq
Programming bits
See Table 2: Asynchronous Frequency
Selection Table
-
Type
Type
Name
PWD
Byte 9
Pin #
Name
-
-
-
-
PWD
Byte 8
Pin #
-
Byte Count
Programming b(7:0)
-
-
-
-
-
-
-
-
-
-
-
Control Function
Control Function
0
1
01
Reserved
Reserved
These bits represent X*290ms (or 1.16S)
the watchdog timer waits before it goes to
alarm mode. Default is 7 X 290ms = 2s.
290ms Base
-
1160ms Base
Writing to this register will configure how
many bytes will be read back, default is
0F = 15 bytes.
I
2C Table: VCO Control Select Bit & WD Timer Control Register
Bit 7
M/NEN
M/N Programming
Enable
RW
0
Bit 6
WDEN
Watchdog Enable
RW
0
Bit 5
WDStatus
WD Alarm Status
R
0
Bit 4
WD SF4
RW
0
Bit 3
WD SF3
RW
0
Bit 2
WD SF2
RW
0
Bit 1
WD SF1
RW
0
Bit 0
WD SF0
RW
0
PWD
Type
Byte 10
Pin #
Control Function
Name
-
-
-
-
-
-
-
Watch Dog Safe Freq
Programming bits
-
01
Writing to these bit will configure the safe
frequency as Byte0 bit (4:0).
Disable
Disable
Normal
Alarm
Enable
Enable
Table 2: Asynchronous Frequency Selection Table
B9 bit6
B9 bit5
SRC
ZCLK
AGP
PCI
0
0
Main PLL Main PLL Main PLL
Main PLL
0
1
100
133.33
66.66
33.33
1
0
100
150.00
75
37.5
1
1
100
133.33
80
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com