Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952703 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS952703
Description  Programmable Timing Control Hub for K7 System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952703 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS952703 Datasheet HTML 1Page - Integrated Circuit Systems ICS952703 Datasheet HTML 2Page - Integrated Circuit Systems ICS952703 Datasheet HTML 3Page - Integrated Circuit Systems ICS952703 Datasheet HTML 4Page - Integrated Circuit Systems ICS952703 Datasheet HTML 5Page - Integrated Circuit Systems ICS952703 Datasheet HTML 6Page - Integrated Circuit Systems ICS952703 Datasheet HTML 7Page - Integrated Circuit Systems ICS952703 Datasheet HTML 8Page - Integrated Circuit Systems ICS952703 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated
Circuit
Systems, Inc.
ICS952703
Preliminary Product Preview
0813B—05/17/05
Pin Configuration
VDDREF 1
48 VDDLAPIC
**FS0/REF0 2
47 IOAPIC1
**FS1/REF1 3
46 IOAPIC0
**Mode/REF2 4
45 GNDAPIC
GNDREF 5
44 VDDSRC
X1 6
43 SRCCLKT
X2 7
42 SRCCLKC
GNDZ 8
41 GND
ZCLK0 9
40 CPUCLKODT1
ZCLK1 10
39 GNDCPU
VDDZ 11
38 CPUCLKODT0
SCLK 12
37 CPUCLKODC0
VDDPCI 13
36 AVDD
*FS2/PCICLK_F0 14
35 AGND
*FS3/PCICLK_F1 15
34 IREF
PCICLK0 16
33 SDATA
PCICLK1 17
32 GNDAGP
GNDPCI 18
31 AGPCLK0
VDDPCI 19
30 AGPCLK1
PCICLK2 20
29 VDDAGP
*(PCI_STOP#)PCICLK3 21
28 AVDD48
*(CPU_STOP#)PCICLK4 22
27 12_48MHz/SEL12_48#MHz*
*(PD#)PCICLK5 23
26 24_48MHz/SEL24_48#MHz**~
GNDPCI 24
25 GND48
48-SSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
~ This output have 1.5X Drive Strength
Recommended Application:
SiS741 style chipset with 964 South Bridge.
Output Features:
•
1 - Pair of differential open drain CPU outputs
•
1 - Single-ended open drain CPU output
•
1 - Pair of current mode differential serial reference clock
•
8 - PCICLK @ 3.3V including 2 PCI clock free running
•
2 - AGPCLK @ 3.3V
•
3 - REF @ 3.3V
•
2 - ZCLK @ 3.3V
•
2 - IOAPIC @ 2.5V
•
1 - 12_48MHz @ 3.3V
•
1 - 24_48MHz @ 3.3V
Key Specifications:
•
CPU Output Jitter <250ps
•
AGP Output Jitter <250ps
•
ZCLK Output Jitter <250ps
•
PCI Output Jitter <500ps
•
CPU-AGP/PCI/ZCLK skew: 2.5ns~3.5ns
Programmable Timing Control Hub for K7TM System
Functionality
Features/Benefits:
•
Selectable synchronous/asynchronous AGP/PCI
frequency
•
Programmable output frequency.
•
Programmable output divider ratios.
•
Programmable output rise/fall time.
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system
if system malfunctions.
•
Programmable watch dog safe frequency.
•
Support I2C Index read/write and block read/write
operations.
•
Uses external 14.318MHz reference input.
Bit3
Bit2
Bit1
Bit0
CPU
SRC
ZCLK
AGP
PCI
FS3
FS2
FS1
FS0
MHz
MHz
MHz
MHz
MHz
0
0
0
0
0
200.00
100.00
133.33
66.66
33.33
0
0
0
0
1
200.01
100.00
133.34
66.67
33.33
0
0
0
1
0
200.97
100.00
133.98
66.99
33.49
0
0
0
1
1
190.11
100.00
126.74
63.37
31.69
0
0
1
0
0
100.00
100.00
133.33
66.66
33.33
0
0
1
0
1
100.00
100.00
133.34
66.67
33.33
0
0
1
1
0
100.99
100.00
134.66
67.33
33.66
0
0
1
1
1
95.00
100.00
126.66
63.33
31.67
0
1
0
0
0
166.66
100.00
133.33
66.66
33.33
0
1
0
0
1
166.65
100.00
133.32
66.66
33.33
0
1
0
1
0
161.59
100.00
129.27
64.64
32.32
0
1
0
1
1
151.97
100.00
121.57
60.79
30.39
0
1
1
0
0
133.33
100.00
133.33
66.66
33.33
0
1
1
0
1
133.34
100.00
133.34
66.67
33.33
0
1
1
1
0
133.98
100.00
133.98
66.99
33.49
0
1
1
1
1
126.66
100.00
126.66
63.33
31.67
1
0
0
0
0
206.02
100.00
137.35
68.67
34.34
1
0
0
0
1
210.00
100.00
140.00
70.00
35.00
1
0
0
1
0
214.06
100.00
142.70
71.35
35.68
1
0
0
1
1
217.90
100.00
145.27
72.63
36.32
1
0
1
0
0
103.01
100.00
137.35
68.67
34.34
1
0
1
0
1
105.00
100.00
140.00
70.00
35.00
1
0
1
1
0
106.99
100.00
142.65
71.33
35.66
1
0
1
1
1
109.01
100.00
145.35
72.68
36.34
1
1
0
0
0
164.66
100.00
131.73
65.86
32.93
1
1
0
0
1
167.91
100.00
134.33
67.17
33.58
1
1
0
1
0
171.22
100.00
136.98
68.49
34.24
1
1
0
1
1
174.38
100.00
139.50
69.75
34.88
1
1
1
0
0
137.32
100.00
137.32
68.66
34.33
1
1
1
0
1
140.00
100.00
140.00
70.00
35.00
1
1
1
1
0
142.67
100.00
142.67
71.34
35.67
1
1
1
1
1
145.33
100.00
145.33
72.66
36.33
Bit4


Similar Part No. - ICS952703

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952702 ICST-ICS952702 Datasheet
149Kb / 17P
Programmable Timing Control Hub for K7 System
logo
Renesas Technology Corp
ICS952702 RENESAS-ICS952702 Datasheet
340Kb / 18P
Programmable Timing Control Hub for K7TM System
2019
logo
Integrated Circuit Syst...
ICS952702YFLF-T ICST-ICS952702YFLF-T Datasheet
149Kb / 17P
Programmable Timing Control Hub for K7 System
logo
Renesas Technology Corp
ICS952702YFLFT RENESAS-ICS952702YFLFT Datasheet
340Kb / 18P
Programmable Timing Control Hub for K7TM System
2019
More results

Similar Description - ICS952703

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS950208 ICST-ICS950208 Datasheet
133Kb / 19P
Programmable Timing Control Hub for P4
ICS952702 ICST-ICS952702 Datasheet
149Kb / 17P
Programmable Timing Control Hub for K7 System
ICS950220 ICST-ICS950220 Datasheet
170Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Renesas Technology Corp
ICS952702 RENESAS-ICS952702 Datasheet
340Kb / 18P
Programmable Timing Control Hub for K7TM System
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com