Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF100P219 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IRF100P219
Description  UPS and Inverter applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF100P219 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IRF100P219 Datasheet HTML 2Page - Infineon Technologies AG IRF100P219 Datasheet HTML 3Page - Infineon Technologies AG IRF100P219 Datasheet HTML 4Page - Infineon Technologies AG IRF100P219 Datasheet HTML 5Page - Infineon Technologies AG IRF100P219 Datasheet HTML 6Page - Infineon Technologies AG IRF100P219 Datasheet HTML 7Page - Infineon Technologies AG IRF100P219 Datasheet HTML 8Page - Infineon Technologies AG IRF100P219 Datasheet HTML 9Page - Infineon Technologies AG IRF100P219 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Final Datasheet
6
V2.0
2017-12-18
IR MOSFET-StrongIRFET™
IRF100P219
Electrical characteristic diagrams
4
Electrical characteristic diagrams
Figure 3 Typical Output Characteristics
Figure 4 Typical Output Characteristics
Figure 5 Typical Transfer Characteristics
Figure 6 Normalized On-Resistance vs. Temperature
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
VGS
TOP
15V
12V
10V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
60µs PULSE WIDTH
Tj = 25°C
4.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
VGS
TOP
15V
12V
10V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
60µs PULSE WIDTH
Tj = 175°C
4.5V
2
3
4
5
6
7
8
VGS, Gate-to-Source Voltage (V)
0.10
1.0
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 25V
60µs PULSE WIDTH
-60
-20
20
60
100
140
180
TJ , Junction Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
ID = 100A
VGS = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com