Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF100P219 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IRF100P219
Description  UPS and Inverter applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF100P219 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IRF100P219 Datasheet HTML 5Page - Infineon Technologies AG IRF100P219 Datasheet HTML 6Page - Infineon Technologies AG IRF100P219 Datasheet HTML 7Page - Infineon Technologies AG IRF100P219 Datasheet HTML 8Page - Infineon Technologies AG IRF100P219 Datasheet HTML 9Page - Infineon Technologies AG IRF100P219 Datasheet HTML 10Page - Infineon Technologies AG IRF100P219 Datasheet HTML 11Page - Infineon Technologies AG IRF100P219 Datasheet HTML 12Page - Infineon Technologies AG IRF100P219 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Final Datasheet
9
V2.0
2017-12-18
IR MOSFET-StrongIRFET™
IRF100P219
Electrical characteristic diagrams
Figure 15 Maximum Effective Transient Thermal Impedance, Junction-to-Case
Figure 13 Typical On-Resistance vs. Drain
Current
Figure 14 Threshold Voltage vs. Temperature
0
25
50
75
100 125 150 175 200
ID, Drain Current (A)
0
1
2
3
4
5
VGS = 5.0V
VGS = 7.0V
VGS = 8.0V
VGS = 10V
VGS = 12V
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
-75 -50 -25 0
25 50 75 100 125 150 175
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ID = 278µA
ID = 1.0mA
ID = 1.0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com