Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4942-1 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4942-1
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942-1 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4942-1 Datasheet HTML 9Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 10Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 11Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 12Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 13Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 14Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 15Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 16Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TLE4942-1
TLE4942-1C
Data Sheet
13
V3.1, 2005-02
Magnetic edges required
for offset calibration 2)
n
DZ-calibration
––6 2)
magn.
edges
7th edge correct 3)
in rare cases
(see Appendix B)
n
DZ-calibration-
rare
––8
edges
Number of pulses in
uncalibrated mode
n
DZ-Startup
––5
pulses
in rare cases
(see Appendix B)
n
DZ-Startup-
rare
––7
pulses
Number of pulses with
invalid direction
information
B < ∆B
EL
B > ∆B
EL
n
DR-Startup
7
2 4)
pulses After
n
DR-Startup
pulses + 1 the
direction
information is
correct
Number of pulses with
invalid assembly bit
information
n
EL-Startup
––7
pulses After
n
EL-Startup
pulses + 1 the
assembly bit
information is
correct
Number of pulses where
the airgap warning
information is suppressed
n
LR-Startup
––5
pulses LR information is
provided only in
calibrated mode
Signal behavior after
undervoltage or
standstill >
t
Stop
Number of magnetic
edges where the first
pulse in given.
n
DZ-Start
2
edges Magnetic edge
according to
ˆB
Limit, early startup
t
d,input has to be
taken into account
Shortest time delay
between pulse 0 (stop
pulse) and pulse 1
293
345
397
µs
Referencerising
edges, includes
pre low length
Table 4
Electrical Characteristics (cont’d)
All values specified at constant amplitude and offset of input signal, over
operating range, unless otherwise specified.
Typical values correspond to
V
CC = 12 V and TA = 25°C
Parameter
Symbol
Limit Values
Unit
Remarks
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com