Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4942-1 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4942-1
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942-1 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4942-1 Datasheet HTML 17Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 18Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 19Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 20Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 21Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 22Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 23Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 24Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TLE4942-1
TLE4942-1C
Data Sheet
21
V3.1, 2005-02
Figure 11 Test Circuit 1
Figure 12 Distance Chip to Upper Side of IC
AES03199
GND
V
CC
Sensor
R
M
C
2
V
EMC
EMC-Generator
Mainframe
D1
C
1
D2
Components: D1: 1N4007
D2: T 5Z27 1J
C
1:10 µF / 35 V
C
2:
1 nF / 1000 V
R
M:75 Ω / 5 W
PG-SSO-2-1/2 : 0.3
d : Distance chip to branded side of IC
mm
±0.08
AEA02961
d
Hall-Probe
Branded Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com