Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998C8 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4998C8
Description  High Performance Programmable Single/Dual Linear Hall Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998C8 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4998C8 Datasheet HTML 1Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 2Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 3Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 4Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 5Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 6Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 7Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 8Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TLE4998C8(D)
Overview
Data Sheet
4
Revision 1.1, 2017-01
1Overview
Figure 1-1
SMD package PG-TDSO-8 for the TLE4998C8(D)
1.1
Features
Integration of two individual programmable Linear Hall sensor IC’s with SPC (Short PWM Code) protocol with
enhanced interface features based on SENT (Single Edge Nibble Transmission, defined by SAE J2716)
20-bit Digital Signal Processing (DSP)
Digital temperature and stress compensation
16-bit overall resolution
Operating automotive temperature range -40°C to 125°C
Minimal drift of output signal over temperature and lifetime
Programmable parameters stored in EEPROM with single-bit error correction:
– SPC protocol modes: synchronous transmission, dynamic range selection, ID selection mode
– Magnetic range, sensitivity (gain), offset, and polarity of the output slope
– Bandwidth
– Clamping levels
– Customer temperature compensation coefficients for all common magnets
Re-programmable until memory lock
Supply voltage 4.5-5.5 V (4.1-16 V extended range)
Configurable magnetic range: ±50 mT, ±100 mT, or ±200 mT
Reverse-polarity and overvoltage protection for all pins
Output short-circuit protection
On-board diagnostics (overvoltage, EEPROM error)
Output of internal magnetic field values and temperature
Programming and operation of multiple sensors with common power supply
Two-point calibration of magnetic transfer function without iteration steps
Note: Product qualification is based on “AEC Q100 Rev. G” grade 1 (Automotive Electronics Council - Stress test
qualification for integrated circuits)
Characteristic
Supply Voltage
Supply Current
Magnetic Range
Interface
Temperature
Programmable
Single/Dual Die
Linear Hall
Sensor
4.5~5.5 V
6 mA
±50mT
±100mT
±200mT
SPC (Short PWM
Code)
Open Drain Output
-40°C to
125°C
Table 1-1
Ordering Information
Product Name
Marking
Ordering Code
Package
TLE4998C8
C8S
SP000902764
single sensor, PG-TDSO-8-1
TLE4998C8D
C8D
SP000902768
dual sensor, PG-TDSO-8-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com