Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998C8 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4998C8
Description  High Performance Programmable Single/Dual Linear Hall Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998C8 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4998C8 Datasheet HTML 17Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 18Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 19Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 20Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 21Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 22Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 23Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 24Page - Infineon Technologies AG TLE4998C8 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TLE4998C8(D)
Configuration and Calibration Parameters
Data Sheet
21
Revision 1.1, 2017-01
8
Configuration and Calibration Parameters
The TLE4998C8(D) has several configurable parameters which are stored in the EEPROM. These parameters
affect the internal data processing and compensation and the output protocol. This chapter gives an overview of
the parameters. A detailed description of all the parameters and the programming procedure is given in the
TLE4998 User’s Manual.
Table 8-1
TLE4998C8(D) Paramters
Parameter
Setting range
Note
Magnetic range
±50 mT
±100 mT
±200 mT
Magnetic input range of Hall ADC
Gain
-4.0...4.0
Gain value of +1.0 corresponds to typical 32
LSB12/mT sensitivity in 100 mT range (64
LSB12/mT in 50mT range)
Offset
-16384 LSB12 ... 16384 LSB12
Quantization step: 1 LSB12
Clamping low level
0 LSB16 ... 64512 LSB16
Quantization step: 1024 LSB16
(see Figure 8-1)
Clamping high level
1023 LSB16 ... 65535 LSB16
Quantization step: 1024 LSB16
Bandwidth1)
1) Subject to oscillator variation ±20%.
80 Hz
240 Hz
440 Hz
640 Hz
860 Hz
1100 Hz
1390 Hz
Off
Low-pass filter cut-off (-3 dB) frequency (see
Figure 8-2)
1st order temperature
coefficient TC1
-1000 ppm/°C ... 2500 ppm/°C
2)
2) Relative range to Infineon temperature pre-calibration, the maximum adjustable range is limited by the register-size and
depends on specific pre-calibrated TL setting, full adjustable range: -2441 to +5355 ppm/°C.
2nd order temperature
coefficient TC2
-4 ppm/°C2 ... 4 ppm/°C23)
3) Relative range to Infineon temperature pre-calibration, the maximum adjustable range is limited by the register-size and
depends on specific pre-calibrated TQ setting, full adjustable range: -15 to +15 ppm/°C2.
SPC unit time1)
2.0 µs ... 3.88 µs
see Chapter 7
SPC protocol frames
16 bit Hall + 8 bit temperature
16 bit Hall
12 bit Hall + 8 bit temperature
12 bit Hall
see Chapter 7
SPC mode
Synchronous
Dynamic Range
ID Selection
see Chapter 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com