Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998P8 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4998P8
Description  High Performance Programmable Single/Dual Linear Hall Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P8 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4998P8 Datasheet HTML 2Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 3Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 4Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 5Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 6Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 7Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 8Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 9Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TLE4998P8(D)
General
Data Sheet
6
Revision 1.1, 2017-01
2
General
All further given specifications are regarded to both implemented sensor IC’s, or otherwise noted.
2.1
Block Diagram
Figure 2-1 shows is a simplified block diagram.
Figure 2-1
Block Diagram of the TLE4998P8(D) with the PWM interface
2.2
Functional Description
The linear Hall IC TLE4998P8(D) has been designed specifically to meet the requirements of highly accurate angle
and position detection.
The sensor provides a digital PWM signal, which is well suited for direct decoding by any unit measuring a duty
cycle of a rectangular signal (usually a timer/capture unit in a microcontroller).
The output stage is an open-drain driver pulling the output pin to low only. Therefore, the high level needs to be
obtained by an external pull-up resistor. This output type has the advantage that the receiver may use an even
lower supply voltage (e.g. 3.3 V). In this case the pull-up resistor must be connected to the given receiver supply.
The IC is produced in BiCMOS technology with high voltage capability and it also has reverse-polarity protection.
Digital signal processing using a 16-bit DSP architecture together with digital temperature and stress
compensation guarantees excellent stability over the whole temperature range and life time.
The PWM output frequency can be selected within the range of 122 Hz up to 1953 Hz.
spinning
HALL
A
D
DSP
A
D
Temp.
Sense
ROM
EEPROM
Interface
OUT
VDD
GND
Supply
TST
Stress
Sense
PWM
Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com