Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998P8 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE4998P8
Description  High Performance Programmable Single/Dual Linear Hall Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P8 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE4998P8 Datasheet HTML 13Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 14Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 15Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 16Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 17Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 18Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 19Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 20Page - Infineon Technologies AG TLE4998P8 Datasheet HTML 21Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TLE4998P8(D)
Error Detection
Data Sheet
17
Revision 1.1, 2017-01
8
Error Detection
Different error cases can be detected by the On-Board-Diagnostics (OBD) and reported to the micro controller.
The OBD can only be used with the clamping functionality enabled.
8.1
Voltages Outside the Operating Range
•
Inside the ratings specified in Table 3-1 “Absolute Maximum Ratings” on Page 8
•
Outside the range specified in Table 4-1 “Operating Range” on Page 9
The output signals an error condition if VDD crosses the overvoltage threshold level.
8.2
EEPROM Error Correction
The parity method is able to correct a single bit in the EEPROM line. One other single bit error in another EEPROM
line can also be detected, but not corrected. In case there is an incorrectable EEPROM failure, the open drain
stage is disabled and permanently kept in off state (high ohmic/sensor defect).
Table 8-1
Overvoltage
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Overvoltage threshold
VDDov
16.65
17.5
18.35
V
Output duty cycle @ EEPROM error
CYPWMov
1001)
1) Output stays in “off” state (high ohmic)
––
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com