Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV5017 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OV5017
Description  Single chip 1/4 video image sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV5017 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OV5017 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
OV5017
4
Version 1.6
October 20, 1997
Confidential Preliminary Product Specification
OMNIVISION TECHNOLOGIES, Inc.
1. Video Data Bus
Figure 1. Video Data Timing Showing Continuous Pixel Reading
The eight bit video data from the A/D converter is synchronous to PCLK. The lowest level is ‘h00’ and the
highest is ‘hff’, no reserved code for blanking or sync.
PCLK
is the pixel clock that is either continuously on or present only during valid pixel window. If the con-
tinuous clock is used, HREF is often used to qualify the pixel data. HREF is asserted during the pro-
grammed horizontal and vertical window region. Video data is updated at the rising edge of PCLK and
can be latched at the falling edge of PCLK.
As shown in Figure 1, reading of the video data is not different from reading other on-chip registers, it
requires the assertion of OEB and CSB and the correct address. To maintain uninterrupted video data
stream, OV5017 video data will be updated at each pixel clock as long as the OEB, CSB, and correct
address are asserted as shown in Figure 1.
Since the video data is continuous during the active window, to prevent new data overruns the previous
one, the host has to make sure at least one video data is read in every pixel clock period. The status reg-
ister bit RDY and OV allows host to perform polling and error detection.
1.1 Register Control
The register read/write is the same as normal memory access, using pins DATA[7:0], A[3:0], WEB, OEB,
and CSB. As shown in Figure 2 and Figure 3, the read cycle can be chip select controlled or address
controlled. The write cycle also can be chip select controlled or write enable controlled. The memory
cycle is fully asynchronous to the frame or pixel timing. Write cycle affects only the registers which are
writable, it does not affect read only registers such as video port status register. Since writing to certain
PCLK
OEB
CSB
DATA[7:0]
VD
VD
VD
VD
PIXEL DATA
HREF
PROGRAMMED HORIZONTAL WINDOW WIDTH
VD
VIDEO PORT ADDRESS
A[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com