Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV5017 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OV5017
Description  Single chip 1/4 video image sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV5017 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button OV5017 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV5017 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
OV5017
8
Version 1.6
October 20, 1997
Confidential Preliminary Product Specification
OMNIVISION TECHNOLOGIES, Inc.
EXCTL
AUTO
EXCTL[7]
Enables auto exposure. To select auto exposure mode, set this bit. To
select manual exposure mode, clear this bit.
EX
EXCTL[6:0]
Sets the exposure time, where 7fh is the 1/50s, and 00h is the 1/
(50*128*2)s. This register is used in manual exposure mode only.
After updates are made to this register, it takes two frames for the
chip to become stable.
GCTL
GN
GCTL[2:0]
Selects the post amplifier gain, where 111 is the 18dB gain and 000 is
the 0dB in a linear relationship. This register is used in manual expo-
sure mode only. After updates are made to this register, it takes two
frames for the chip to become stable.
FRCTL
FDIV
FRCTL[5:0]
Divides the frame rate by 1 to 64 in steps of 1 by using this formula:
Frame Rate = F0 / (FDIV+1)
Pixel Rate = fosc / [(FDIV +1)*2]
where fosc is the main clock frequency of XCLKi
F0 = fosc / (458*625); F0=50 @ 14.318Mhz
After updates are made to this register, it takes two frames for the
chip to become stable.
MCTL
GAMA
MCTL[7]
Set this bit to select gamma = 0.45, and clear this bit for gamma = 1.
MIR
MCTL[6]
Set this bit to select mirror image.
NSR
MCTL[5]
Set this bit to turn on indoor mode, and clear for outdoor mode.
BKL
MCTL[4]
Set this bit to turn on backlight compensation.
FZEX
MCTL[3]
Set this bit to freeze the exposure setting. This works in auto expo-
sure mode; it has no effect in manual exposure mode.
PCKS
MCTL[2]
Clear this bit to output continuous pixel clock to PCLK; set to output
pixel clock only during the valid pixel window
PCKI
MCTL[1]
Set this bit to inverse the polarity of
PCLK.
BPSHP
MCTL[0]
Set this bit to disable sharpness function.
HWCTL/
VWCTL
HWS
HWCTL[7:4]
Selects the start of the horizontal window.
HWE
HWCTL[3:0]
Selects the end of the horizontal window.
VWS
VWCTL[7:4]
Selects the start of the vertical window.
VWE
VWCTL[3:0]
Selects the end of the vertical window.
Table 3. Bit descriptions (Continued)
Register
Name
Bit name
Range
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com