Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBJSC3650-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBJSC3650-G
Description  Silicon Carbide Power Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBJSC3650-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBJSC3650-G Datasheet HTML 1Page - Comchip Technology CDBJSC3650-G Datasheet HTML 2Page - Comchip Technology CDBJSC3650-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
QW-BSC03
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
CDBJSC3650-G
RoHS Device
Maximum Rating (
)
at TA=25°C unless otherwise noted
Reverse Voltage: 650 V
Forward Current: 3 A
Dimensions in inches and (millimeter)
Repetitive peak reverse voltage
DC bolcking voltage
Typical Continuous forward current
Non-repetitive peak forward surge current
Power dissipation
Typical thermal resistance
Operating junction temperature range
VRRM
VDC
IFSM
PTOT
RθJC
TJ
650
30
53.2
23
2.82
-55 ~ +175
V
V
A
W
°C/W
°C
Storage temperature range
TSTG
-55 ~ +175
°C
650
T = 150°C
c
3
Repetitive peak forward surge current
IFRM
15
A
Tc = 25°C, tp = 10ms
Half sine wave, D = 0.3
Tc = 25°C, tp = 10ms
Half sine wave
= 25°C
Tc
= 110°C
Tc
Junction to case
Surge peak reverse voltage
VRSM
650
V
TO-220-2
0.052(1.32)
0.048(1.23)
0.173(4.40)
0.181(4.60)
0.512(13.00)
0.551(14.00)
0.620(15.75)
0.600(15.25)
0.155(3.93)
0.138(3.50)
0.116(2.95)
0.104(2.65)
0.152(3.85)
0.148(3.75)
0.028(0.70)
0.019(0.49)
0.067(1.70)
0.035(0.88)
0.024(0.61)
0.203(5.15)
0.195(4.95)
0.045(1.14)
0.646(16.40)
Max.
0.311(7.90)
0.303(7.70)
0.409(10.40)
0.394(10.00)
0.260(6.60)
0.244(6.20)
0.107(2.72)
0.094(2.40)
Circuit diagram
K(1)
A(2)
K(3)
Features
- Rated to 650V at 3 Amps
- Short recovery time.
- High speed switching possible.
- Temperature independent switching behaviour.
- High temperature operation.
- High frequency operation.
- Positive
.
temperature coefficient on VF
Silicon Carbide Power Schottky Diode
Parameter
Unit
Symbol
Value
Conditions
A
IF


Similar Part No. - CDBJSC3650-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBJSC101200-G COMCHIP-CDBJSC101200-G Datasheet
114Kb / 3P
Silicon Carbide Power Schottky Diode
CDBJSC101700-G COMCHIP-CDBJSC101700-G Datasheet
103Kb / 2P
Silicon Carbide Power Schottky Diode
CDBJSC10650-G COMCHIP-CDBJSC10650-G Datasheet
114Kb / 3P
Silicon Carbide Power Schottky Diode
CDBJSC51200-G COMCHIP-CDBJSC51200-G Datasheet
113Kb / 3P
Silicon Carbide Power Schottky Diode
CDBJSC5650-G COMCHIP-CDBJSC5650-G Datasheet
114Kb / 3P
Silicon Carbide Power Schottky Diode
More results

Similar Description - CDBJSC3650-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GB01SLT12-252 ETC-GB01SLT12-252 Datasheet
336Kb / 4P
Silicon Carbide Power Schottky Diode
logo
GeneSiC Semiconductor, ...
GB05SLT12-220 GENESIC-GB05SLT12-220 Datasheet
399Kb / 5P
Silicon Carbide Power Schottky Diode
GAP3SHT33-CAL GENESIC-GAP3SHT33-CAL_15 Datasheet
251Kb / 5P
Silicon Carbide Power Schottky Diode
GB10SLT12-CAL GENESIC-GB10SLT12-CAL_15 Datasheet
421Kb / 5P
Silicon Carbide Power Schottky Diode
logo
Comchip Technology
CDBDSC5650-G COMCHIP-CDBDSC5650-G Datasheet
91Kb / 2P
Silicon Carbide Power Schottky Diode
CDBJFSC5650-G COMCHIP-CDBJFSC5650-G Datasheet
113Kb / 3P
Silicon Carbide Power Schottky Diode
CDBJSC101200-G COMCHIP-CDBJSC101200-G Datasheet
114Kb / 3P
Silicon Carbide Power Schottky Diode
logo
GeneSiC Semiconductor, ...
GB2X40MPS12-227 GENESIC-GB2X40MPS12-227 Datasheet
2Mb / 7P
Silicon Carbide Power Schottky Diode
GC2X20MPS12-247 GENESIC-GC2X20MPS12-247 Datasheet
2Mb / 7P
Silicon Carbide Power Schottky Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com