Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBJSC3650-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBJSC3650-G
Description  Silicon Carbide Power Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBJSC3650-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBJSC3650-G Datasheet HTML 1Page - Comchip Technology CDBJSC3650-G Datasheet HTML 2Page - Comchip Technology CDBJSC3650-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (
)
at TA=25°C unless otherwise noted
Parameter
Conditions
Symbol
Typ
Max
Unit
Typical Characteristics (
)
CDBJSC3650-G
Page 2
pF
C
Total capacitance
Total capacitive charge
Forward voltage
VR = 0V , TJ = 25°C , f = 1 MHZ
µA
VR = 400V , TJ = 150°C
1.7
100
VF
IF = 3 A , TJ = 25°C
IF = 3 A , TJ = 175°C
VR = 650V , TJ = 25°C
VR = 650V , TJ = 175°C
IR
V
VR = 200V , TJ = 25°C , f = 1 MHZ
nC
1.41
Reverse Voltage, VR (V)
Fig.4 - Capacitance vs. Reverse Voltage
40
80
100
200
0
160
0.01
0.1
1
10
100
1000
Reverse current
QC = ∫
C(V) dv
VR
0
QC
1.8
23
190
10
20
11
QW-BSC03
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Fig.1 - Forward Characteristics
Forward Voltage, VF (V)
0
1
4
6
2.0
0
1.5
2.5
0.5
2
3
5
1.0
TJ=25°C
TJ=75°C
T=125°C
J
T=175°C
J
Reverse Voltage, VR (V)
Fig.2 - Reverse Characteristics
0
0.010
0.040
0
200
400
800
0.020
0.030
100
300
600
500
700
0.015
0.025
0.035
0.005
T=175°C
J
T=125°C
J
TJ=25°C
TJ=75°C
20
60
120
140
180
Case Tempature, TC (°C)
Fig.3 - Current Derating
150
175
75
125
40
35
30
10
0
50
100
25
25
20
15
5
10% Duty
30% Duty
50% Duty
70% Duty
D.C.
Silicon Carbide Power Schottky Diode



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com