Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7910P Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # OV7910P
Description  SINGLE-CHIP CMOS COLOR PAL CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7910P Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button OV7910P Datasheet HTML 10Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 11Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 12Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 13Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 14Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 15Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 16Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 17Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
OV7910P/OV7410P/OV7411P
14
Version 1.4
December 7, 1999
SINGLE IC CMOS COLOR & B/W PAL ANALOG CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Preliminary
08
Red Bias
20
RW
RBS[7:6] – rsvd (RBS[7:6] = 01)
RBS[5:0] – red channel bias value.
This value defines the fine tune adjustment for the red tint in the white balance control. This reg-
ister is the manual control portion of the AWB control
Note: This function is not available on the OV7410P/OV7411P Image Sensor.
09
Rsvd09
B7
RW
reserved
0A
Rsvd0A
45
RW
reserved
0B
Rsvd0B
—
W
reserved
0C
Rsvd0C
—
W
reserved
0D
Rsvd0D
4E
RW
reserved
0E
Rsvd0E
32
RW
reserved
0F
Rsvd0F
7A
RW
reserved
10
version
03
R
Version
11
Manufacture ID (H)
7F
R
MIDH[7:0] – manufacture ID high byte
12
Manufacture ID (L)
A2
R
MIDL[7:0] – manufacture ID low byte
13
AEC
82
RW
AEC[7:0] – Manual exposure setting. “00” = lowest, 82 = Highest
14
Common A
9F
RW
COMA[7] - CEXP, “0” selects central exposure
COMA[6:4] - rsvd
COMA[3] - GAMMA, “1” selects gamma = 0.45, “0” select gamma=1.0
COMA[2] - AGCEN, “1” enables auto gain control
COMA[1] - AWBEN “1” enables auto white balance
*
COMA[0] - AEC enable. If AEC is enabled, the AEC register (Reg. 13) is updated automatically.
If AEC is disabled, AEC register remains unchanged.
*Note: COMA[1], AWBEN is not available on the OV7410P/OV7411P Image Sensor.
15
Common B
00
RW
COMB[7] - SRST, “1” initiates soft reset. Initiate soft reset. All registers are set to default values
and chip is reset to known state and resumes normal operation. This bit is automatically
cleared after reset.
COMB[6]] - MIRR, “1” selects mirror image
COMB[5]] - VSFR, “1” enables frame sync output to VSYNC (pin 32), “0” enables field sync
ouput to VSYNC
COMB[4]] - BKLT, “1” selects backlight exposure mode
COMB[3]] - FREX, “1” disables the update of exposure and gain value
COMB[2] - HGAIN. Automatic Gain Control (AGC) gain range selection. See COME[6] (G2X),
below.
“0” - select normal AGC range (1X <-> 4X)
“1” - select expanded AGC range (1X -> 8X)
HGAIN
G2X
AGC Range
0
0
1X <-> 4X
0
1
2X <-> 8X
1
0
1X <-> 8X
1
1
2X <-> 16X
COMB[1:0] - AMOD, select video output modes
00 - S-video and CVBS
*
01 - RGB
*
10 - YUV
11 - RGB
*
*Note: COMB[1:0] = 00, 01, 11 are not available on the OV7410P/OV7411P Image Sensor.
16
Common C
20
RW
COMC[7] - Smart AWB. “0” disables SMTawb, “1” enables SMTawb
COMC[6] - rsvd
COMC[5] - Automatic Level Control. “0” disables ALC, “1” enables ALCauto level control
COMC[4:0] - rsvd
17
Common D
34
RW
COMD[7:4] - rsvd
COMD[3] - BPSHP. “0” enables sharpness control, “1” disables sharpness control
COMD[2] - rsvd
COMD[1] -AWBTM, “1” selects fast AWB update
*
COMD[0] - rsvd
*Note: COMD[1], AWBTM is not available on the OV7410P/OV7411P Image Sensor.
18
Rsvd18
A2
RW
reserved
19
Rsvd19
66
RW
reserved
Subad-
dress
(hex)
Register
Default
(hex)
Read/
Write
Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com