Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV7910P Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # OV7910P
Description  SINGLE-CHIP CMOS COLOR PAL CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7910P Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button OV7910P Datasheet HTML 10Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 11Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 12Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 13Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 14Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 15Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 16Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 17Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
December 7, 1999
Version 1.4
15
OV7910P/OV7410P/OV7411P
SINGLE IC CMOS COLOR & B/W PAL ANALOG CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Preliminary
1A
Rsvd1A
73
RW
reserved
1B
Rsvd1B
D0
RW
reserved
1C
Rsvd1C
15
RW
reserved
1D
Common E
20
RW
COME[7] - rsvd
COME[6] - G2XA. Automatic Gain Control (AGC) gain selection. Affects range selected by
HGAIN. See COMB[2] (HGAIN), above.
“0” - select normal AGC gain (1X)
“1” - select enhanced AGC gain (2X)
COME[5:0] - rsvd
1E
Rsvd1F
30
RW
reserved
1F
Rsvd20
28
RW
reserved
20 - 2F
Rsvd2X
N/A
RW
reserved
30
Rsvd30
80
RW
reserved
31
Rsvd31
80
RW
reserved
32
Rsvd32
80
RW
reserved
33
Rsvd33
40
RW
reserved
34
Rsvd34
80
RW
reserved
35
Rsvd35
20
RW
reserved
36
Rsvd36
20
RW
reserved
37
Rsvd37
80
RW
reserved
38
Rsvd38
80
RW
reserved
39
Rsvd39
80
RW
reserved
3A
Rsvd3A
80
RW
reserved
3B
Rsvd3B
80
RW
reserved
Subad-
dress
(hex)
Register
Default
(hex)
Read/
Write
Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com