Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALCE26V12 Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # PALCE26V12
Description  28-Pin EE CMOS Versatile PAL Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE26V12 Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button PALCE26V12 Datasheet HTML 13Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 14Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 15Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 16Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 17Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 18Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 19Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 20Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 21Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AMD
2–326
PALCE26V12 Family
fMAX Parameters
The parameter fMAX is the maximum clock rate at which
the device is guaranteed to operate. Because the flexi-
bility inherent in programmable logic devices offers a
choice of clocked flip-flop designs, fMAX is specified for
three types of synchronous designs.
The first type of design is a state machine with feedback
signals sent off-chip. This external feedback could go
back to the device inputs, or to a second device in a
multi-chip state machine. The slowest path defining the
period is the sum of the clock-to-output time and the in-
put setup time for the external signals (tS + tCO). The re-
ciprocal, fMAX, is the maximum frequency with external
feedback or in conjunction with an equivalent speed de-
vice. This fMAX is designated “fMAX external.”
The second type of design is a single-chip state ma-
chine with internal feedback only. In this case, flip-flop
inputs are defined by the device inputs and flip-flop out-
puts. Under these conditions, the period is limited by the
internal delay from the flip-flop outputs through the inter-
nal feedback and logic to the flip-flop inputs. This fMAX is
designated “fMAX internal”. A simple internal counter is a
good example of this type of design, therefore, this pa-
rameter is sometimes called “fCNT.”
The third type of design is a simple data path applica-
tion. In this case, input data is presented to the flip-flop
and clocked through; no feedback is employed. Under
these conditions, the period is limited by the sum of the
data setup time and the data hold time (tS + tH). How-
ever, a lower limit for the period of each fMAX type is the
minimum clock period (tWH + tWL). Usually, this minimum
clock period determines the period for the third fMAX,
designated “fMAX no feedback.”
fMAX external and fMAX no feedback are calculated pa-
rameters. fMAX external is calculated from tS and tCO, and
fMAX no feedback is calculated from tWL and tWH. fMAX in-
ternal is measured.
LOGIC
REGISTER
tt
CLK
(SECOND
CHIP)
SCO
t S
fMAX External; 1/(tS + tCO)
LOGIC
REGISTER
CLK
LOGIC
REGISTER
t
CLK
S
fMAX No Feedback; 1/(tS + tH) or 1/(tWH + tWL)
fMAX Internal (fCNT)
16072E-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com