Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALCE26V12 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # PALCE26V12
Description  28-Pin EE CMOS Versatile PAL Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE26V12 Datasheet(HTML) 4 Page - Advanced Micro Devices

  PALCE26V12 Datasheet HTML 1Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 2Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 3Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 4Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 5Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 6Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 7Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 8Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AMD
2–309
PALCE26V12 Family
FUNCTIONAL DESCRIPTION
The PALCE26V12 has fourteen dedicated input lines,
two of which can be used as clock inputs. Unused inputs
should be tied directly to ground or VCC. Buffers for
device inputs and feedbacks have both true and
complementary outputs to provide user-selectable
signal polarity. The inputs drive a programmable AND
logic array, which feeds a fixed OR logic array.
The OR gates feed the twelve I/O macrocells (see
Figure 1). The macrocell allows one of eight potential
output configurations; registered or combinatorial, ac-
tive high or active low, with register or I/O pin feedback
(see Figure 2). In addition, registered configurations can
be clocked by either of the two clock inputs.
The configuration choice is made according to the
user’s design specification and corresponding program-
ming of the configuration bits S0–S3
(see Table 1).
Multiplexer controls initially float to VCC (1) through a
programmable cell, selecting the “1” path through the
multiplexer. Programming the cell connects the control
line to GND (0), selecting the “0” path.
Table 1. Macrocell Configuration Table
S3
S1
S0
Output Configuration
1
0
0
Registered Output and Feedback,
Active Low
1
0
1
Registered Output and Feedback,
Active High
1
1
0
Combinatorial I/O, Active Low
1
1
1
Combinatorial I/O, Active High
0
0
0
Registered I/O, Active Low
0
0
1
Registered I/O, Active High
0
1
0
Combinatorial Output, Registered
Feedback, Active Low
0
1
1
Combinatorial Output, Registered
Feedback, Active High
S2
Clock Input
1
CLK1/I0
0
CLK2/I3
1 = Unprogrammed EE bit
0 = Programmed EE bit
16072E-4
*
D
AR
Q
Q
SP
AR
P1
Pn
0
1
10
11
00
01
OE
SP
1
0
0
S
3
S
1
S
2
S
CLK2
CLK 1
n = 8,8,10,12,14,16
When S
= 1 (unprogrammed) the feedback is selected by S .
When S
= 0 (programmed), the feedback is the opposite of
that selected by S .
*
3
3
1
1
Figure 1. PALCE26V12 Macrocell
Registered or Combinatorial
Each macrocell of the PALCE26V12 includes a D-type
flip-flop for data storage and synchronization. The
flip-flop is loaded on the LOW-to-HIGH edge of the
selected clock input. Any macrocell can be configured
as combinatorial by selecting a multiplexer path that
bypasses the flip-flop. Bypass is controlled by bit S1.
Programmable Clock
The clock input for any flip-flop can be selected to be
from either pin 1 or pin 4. A 2:1 multiplexer controlled by
bit S2 determines the clock input.
Programmable Feedback
A 2:1 multiplexer allows the user to determine whether
the macrocell feedback comes from the flip-flop or
from the I/O pin, independent of whether the output is
registered or combinatorial. Thus, registered outputs
may have internal register feedback for higher speed
(fMAX internal), or I/O feedback for use of the pin as a
direct input (fMAX external). Combinatorial outputs may
have I/O feedback, either for use of the signal in other
equations or for use as another direct input, or register
feedback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com