Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6482S Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP6482S
Description  340KHz, 36V/2.5A Step-down Converter With Soft-Start
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6482S Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP6482S Datasheet HTML 2Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 3Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 4Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 5Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 6Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 7Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 8Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 9Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LP6482S-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 10
Preliminary Datasheet
LP6482S
Application Information
The LP6482S is current-mode step-down switching
regulator. The device regulates an output voltage as
low as 0.923V. The device can provide continuous
current up to 2.5A to the output with VIN=12V. The
LP6482S uses current-mode architecture to control
the regulator loop. The output voltage is measured at
FB through a resistive voltage divider and amplified
through the internal error amplifier. The output
current of the trans-conductance error amplifier is
presented at COMP pin where a RC network
compensates
the
regulator
loop.
Slope
compensation is added to eliminate sub harmonic
oscillation at high duty cycle. The slope
compensation adds voltage ramp to the inductor
current signal which reduces maximum inductor
peak current at high duty cycles.
The device uses an internal H_side N-channel switch
to step down the input voltage to the regulated output
voltage. Since the H_side n-channel switch requires
gate voltage greater than the input voltage, a boost
BS capacitor is connected between SW and BS to
drive the n-channel gate. The BS capacitor is
internally charged while the switch is off. An internal
6.8Ω switch from SW to GND is added to insure that
SW is pulled to GND when the switch is off to fully
charge the BS capacitor.
Setting the Output Voltage
The output voltage is set through a resistive voltage
divider. The voltage divider divides the output voltage
down by the ratio:
VFB=VOUT×R2/(R1+R2)=0.923V
Thus the output voltage is:
VOUT=0.923V×(1+R1/R2)
Inductor Selection
The inductor is required to supply constant current to
the output load while being driven by the switched
input voltage. A larger value inductor results in less
ripple current and lower output ripple voltage.
However, the larger value inductor has a larger
physical size, higher series resistance, and lower
saturation current. Choose an inductor that does not
saturate under the worst-case load conditions. A
good rule for determining the inductance is to allow
the peak-to-peak ripple current in the inductor to be
approximately 30% of the maximum load current.
The inductance value can be calculated by the
equation:
L=(VOUT)×(VIN-VOUT)/(VIN×f×∆I)
Where VOUT is the output voltage, VIN is the input
voltage, f is the switching frequency, and ΔI is the
peak-to-peak inductor ripple current.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com