Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6482S Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP6482S
Description  340KHz, 36V/2.5A Step-down Converter With Soft-Start
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6482S Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP6482S Datasheet HTML 2Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 3Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 4Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 5Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 6Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 7Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 8Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 9Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LP6482S-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 10
Preliminary Datasheet
LP6482S
Input Capacitor
The input current to the step-down converter is
discontinuous, and therefore an input capacitor CIN is
required to supply the AC current to the step-down
converter while maintaining the DC input voltage. A
low ESR capacitor is required to keep the noise
minimum at the IC. Ceramic capacitors are preferred,
but tantalum or low-ESR electrolytic capacitors may
also suffice. The input capacitor value should be
greater than 22μF, and the RMS current rating
should be greater than approximately 1/2 of the DC
load current. For insuring stable operation CIN should
be placed as close to the IC as possible. Alternately
a smaller high quality ceramic 0.1μF capacitor may
be placed closer to the IC and a larger capacitor
placed further away. Using this technique, it is
recommended that the larger capacitor type are
either tantalum or electrolytic. All ceramic capacitors
should be placed close to the LP6482S.
Output Capacitor
The output capacitor is required to maintain the DC
output voltage. Low ESR capacitors are preferred to
keep
the
output
voltage
ripple
low.
The
characteristics of the output capacitor also affect the
stability of the regulator control loop. Ceramic,
tantalum, or low ESR electrolytic capacitors are
recommended. In the case of ceramic capacitors, the
impedance at the switching frequency is dominated
by the capacitance. The output voltage ripple is
estimated to be:
VRIPPLE=1.4×VIN×(fLC/f)2
Where VRIPPLE is the output ripple voltage, VIN is the
input voltage, fLC is the resonant frequency of the LC
filter, f is the switching frequency. In the case of
tantalum or low ESR electrolytic capacitors, the ESR
dominates the impedance at the switching frequency,
and so the output ripple is calculated as:
VRIPPLE≈∆I×RESR
Where VRIPPLE is the output voltage ripple, ΔI is the
inductor ripple current, and RESR is the equivalent
series resistance of the output capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com