Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFCN-7350 Datasheet(PDF) 1 Page - Mini-Circuits

Part # BFCN-7350
Description  LTCC Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BFCN-7350 Datasheet(HTML) 1 Page - Mini-Circuits

  BFCN-7350 Datasheet HTML 1Page - Mini-Circuits BFCN-7350 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
The Big Deal
• Small size 3.2mm x 1.6mm
• Pass band (7150-7550 MHz)
• Low Insertion Loss (1.8 dB typical)
• Sharp rejection peaks close to stop band
Product Overview
The BFCN-7350+ LTCC Band Pass Filter is constructed with 5 layers in order to achieve a miniature size
and high repeatability of performance. Wrap-around terminations minimize variations in performance due
to parasitics. Covering 7350 MHz ±200 MHz, these units offer low insertion loss and good rejection at the
band reject edges.
Feature
Advantages
Small Size (3.20mm x1.6 mm)
Allows for high layout density of circuit boards, while minimizing affects of parasitics.
Rejection peaks close to pass band Provides good rejection of signals close to the pass band, for improved system performance.
Wrap around termination
Provides excellent solderability and easy visual inspection capability.
LTCC construction
Provides a rugged package that is well suited for tough environments including high humidity
and high temperature extremes.
Key Features
LTCC Bandpass Filter
BFCN-7350+
CASE STYLE: FV1206-4
50Ω
7150 to 7550 MHz


Similar Part No. - BFCN-7350

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BFCN-7350+ MINI-BFCN-7350+ Datasheet
149Kb / 1P
LTCC Bandpass Filter
More results

Similar Description - BFCN-7350

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BFCN-8650 MINI-BFCN-8650 Datasheet
148Kb / 1P
LTCC Bandpass Filter
BFCN-7350+ MINI-BFCN-7350+ Datasheet
149Kb / 1P
LTCC Bandpass Filter
BFCN-1575 MINI-BFCN-1575 Datasheet
140Kb / 1P
LTCC Bandpass Filter
BFCN-3085 MINI-BFCN-3085 Datasheet
374Kb / 3P
LTCC Bandpass Filter
BFCN-7700 MINI-BFCN-7700 Datasheet
308Kb / 2P
LTCC Bandpass Filter
BFCV-2610 MINI-BFCV-2610 Datasheet
581Kb / 3P
LTCC Bandpass Filter
BFCV-2895 MINI-BFCV-2895 Datasheet
560Kb / 3P
LTCC Bandpass Filter
BFCV-4085 MINI-BFCV-4085 Datasheet
602Kb / 3P
LTCC Bandpass Filter
BFCV-5270 MINI-BFCV-5270 Datasheet
570Kb / 3P
LTCC Bandpass Filter
BFCN-1262 MINI-BFCN-1262 Datasheet
417Kb / 3P
LTCC Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com