Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFCN-7350 Datasheet(PDF) 2 Page - Mini-Circuits

Part # BFCN-7350
Description  LTCC Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BFCN-7350 Datasheet(HTML) 2 Page - Mini-Circuits

  BFCN-7350 Datasheet HTML 1Page - Mini-Circuits BFCN-7350 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
50Ω
7150 to 7550 MHz
Ceramic
BFCN-7350+
Bandpass Filter
Applications
• Harmonic Rejection
• Transmitters / Receivers
Features
• Small size
• Temperature stable
• Hermetically sealed
• LTCC construction
Outline Dimensions (
)
inch
mm
Outline Drawing
BFCN-7350+
INSERTION LOSS
0
10
20
30
40
6300
6780
7260
7740
8220
8700
FREQUENCY (MHz)
BFCN-7350+
VSWR
1
100
10000
0
2000 4000 6000 8000 10000 12000 14000
FREQUENCY (MHz)
1.0
2.0
3.0
4.0
7150
7250
7350
7450
7550
REV. D
M151107
BFCN-7350+
ED-13661/5
AD/CP/AM
150601
A
B
C
D
E
FG
H
J
.126
.063
.037
.026
.075
.012
.182
.104
.069
3.20
1.60
0.94
0.66
1.91
0.30
4.62
2.64
1.75
K
L
M
N
P
Q
R
wt
.119
.041
.039
.013
.024
.020
.039
grams
3.02
1.04
0.99
0.33
0.61
0.51
0.99
.020
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
(ON TOP)
(ON TOP)
Maximum Ratings
RF IN
1
RF OUT
3
GROUND
2,4
Pin Connections
Demo Board MCL P/N: TB-518+
Suggested PCB Layout (PL-305)
100.00
46.71
1737.18
800.00
28.74
579.06
1500.00
23.56
217.15
2550.00
19.77
102.19
5000.00
17.29
34.75
6050.00
21.72
42.38
6750.00
7.32
32.79
7100.00
1.84
5.72
7300.00
1.81
1.96
8000.00
6.33
4.24
9000.00
24.85
22.58
10050.00
14.90
23.49
12050.00
17.49
10.02
13050.00
20.61
7.70
14050.00
20.66
6.76
*Passband rating, derate linearly to 0.5W at 100°C ambient
Permanent damage may occur if any of these limits are exceeded.
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
2W max. at 25°C
BFCN-7350+
INSERTION LOSS
0
10
20
30
40
50
60
0
2000 4000 6000 8000 10000 12000 14000
FREQUENCY (MHz)
1.5
2.0
2.5
3.0
7150
7250
7350
7450
7550
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Typical Performance Data at 25°C
Functional Schematic
Typical Frequency Response
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Center Frequency
—
—
—
7350
—
MHz
Insertion Loss
F1-F2
7150-7550
—
1.8
3.5
dB
VSWR
F1-F2
7150-7550
—
1.3
:1
Stop Band, Lower
Insertion Loss
DC-F3
DC-6325
—
15
—
dB
VSWR
DC-F3
DC-6325
—
30
—
:1
Stop Band, Upper
Insertion Loss
F4-F5
8700-14000
—
15
—
dB
VSWR
F4-F5
8700-14000
—
30
—
:1
F4
F2
F1
F3
FREQUENCY (MHz)
DC
F5
Product Marking: 43
CASE STYLE: FV1206-4
Available Tape
and Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500,1000, 3000
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Electrical Specifications1,2 at 25°C
1. Measured on Mini-Circuits Characterization Test Board TB-518+.
2. This filter is not intended for use as a DC Blocking circuit element. In Application where DC voltage is present at either input or output ports, blocking
capacitors are required at the corresponding RF port.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com