Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F818-E/P Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F818-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/P Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F818-E/P Datasheet HTML 1Page - Microchip Technology PIC16F818-E/P Datasheet HTML 2Page - Microchip Technology PIC16F818-E/P Datasheet HTML 3Page - Microchip Technology PIC16F818-E/P Datasheet HTML 4Page - Microchip Technology PIC16F818-E/P Datasheet HTML 5Page - Microchip Technology PIC16F818-E/P Datasheet HTML 6Page - Microchip Technology PIC16F818-E/P Datasheet HTML 7Page - Microchip Technology PIC16F818-E/P Datasheet HTML 8Page - Microchip Technology PIC16F818-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 1
PIC16F818/819
Low-Power Features:
• Power-Managed modes:
- Primary Run: XT, RC oscillator,
87
µA, 1 MHz, 2V
-INTRC: 7
µA, 31.25 kHz, 2V
- Sleep: 0.2
µA, 2V
• Timer1 oscillator: 1.8
µA, 32 kHz, 2V
• Watchdog Timer: 0.7
µA, 2V
• Wide operating voltage range:
- Industrial: 2.0V to 5.5V
Oscillators:
• Three Crystal modes:
- LP, XT, HS: up to 20 MHz
• Two External RC modes
• One External Clock mode:
- ECIO: up to 20 MHz
• Internal oscillator block:
- 8 user selectable frequencies: 31 kHz, 125 kHz,
250kHz, 500kHz, 1MHz, 2 MHz, 4 MHz, 8 MHz
Peripheral Features:
• 16 I/O pins with individual direction control
• High sink/source current: 25 mA
• Timer0: 8-bit timer/counter with 8-bit prescaler
• Timer1: 16-bit timer/counter with prescaler, can be
incremented during Sleep via external crystal/clock
• Timer2: 8-bit timer/counter with 8-bit period
register, prescaler and postscaler
• Capture, Compare, PWM (CCP) module:
- Capture is 16-bit, max. resolution is 12.5 ns
- Compare is 16-bit, max. resolution is 200 ns
- PWM max. resolution is 10-bit
• 10-bit, 5-channel Analog-to-Digital converter
• Synchronous Serial Port (SSP) with
SPI™ (Master/Slave) and I2C™ (Slave)
Pin Diagram
Special Microcontroller Features:
• 100,000 erase/write cycles Enhanced Flash
program memory typical
• 1,000,000 typical erase/write cycles EEPROM
data memory typical
• EEPROM Data Retention: > 40 years
• In-Circuit Serial ProgrammingTM (ICSPTM) via two pins
• Processor read/write access to program memory
• Low-Voltage Programming
• In-Circuit Debugging via two pins
RA1/AN1
RA0/AN0
RA7/OSC1/CLKI
RA6/OSC2/CLKO
VDD
RB7/T1OSI/PGD
RB6/T1OSO/T1CKI/PGC
RB5/SS
RB4/SCK/SCL
RA2/AN2/VREF-
RA3/AN3/VREF+
RA4/AN4/T0CKI
RA5/MCLR/VPP
VSS
RB0/INT
RB1/SDI/SDA
RB2/SDO/CCP1
RB3/CCP1/PGM
•1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
18-Pin PDIP, SOIC
Device
Program Memory
Data Memory
I/O Pins
10-bit
A/D (ch)
CCP
(PWM)
SSP
Timers
8/16-bit
Flash
(Bytes)
# Single-Word
Instructions
SRAM
(Bytes)
EEPROM
(Bytes)
SPI™
Slave
I2C™
PIC16F818
1792
1024
128
128
16
5
1
Y
Y
2/1
PIC16F819
3584
2048
256
256
16
5
1
Y
Y
2/1
18/20-Pin Enhanced Flash Microcontrollers
with nanoWatt Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com