Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F818-E/P Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC16F818-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/P Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC16F818-E/P Datasheet HTML 30Page - Microchip Technology PIC16F818-E/P Datasheet HTML 31Page - Microchip Technology PIC16F818-E/P Datasheet HTML 32Page - Microchip Technology PIC16F818-E/P Datasheet HTML 33Page - Microchip Technology PIC16F818-E/P Datasheet HTML 34Page - Microchip Technology PIC16F818-E/P Datasheet HTML 35Page - Microchip Technology PIC16F818-E/P Datasheet HTML 36Page - Microchip Technology PIC16F818-E/P Datasheet HTML 37Page - Microchip Technology PIC16F818-E/P Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 176 page
background image
PIC16F818/819
DS39598E-page 32
 2004 Microchip Technology Inc.
3.8
Protection Against Spurious Write
There are conditions when the device should not write
to the data EEPROM memory. To protect against
spurious EEPROM writes, various mechanisms have
been built-in. On power-up, WREN is cleared. Also, the
Power-up
Timer
(72 ms
duration)
prevents
an
EEPROM write.
The write initiate sequence and the WREN bit together
help prevent an accidental write during brown-out,
power glitch or software malfunction.
3.9
Operation During Code-Protect
When the data EEPROM is code-protected, the micro-
controller can read and write to the EEPROM normally.
However, all external access to the EEPROM is
disabled. External write access to the program memory
is also disabled.
When program memory is code-protected, the micro-
controller can read and write to program memory
normally as well as execute instructions. Writes by the
device may be selectively inhibited to regions of
the memory
depending
on
the
setting
of
bits,
WRT1:WRT0,
of
the
Configuration
Word
(see
Section 12.1
“Configuration
Bits”
for
additional
information). External access to the memory is also
disabled.
TABLE 3-1:
REGISTERS/BITS ASSOCIATED WITH DATA EEPROM AND
FLASH PROGRAM MEMORIES
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on
all other
Resets
10Ch
EEDATA EEPROM/Flash Data Register Low Byte
xxxx xxxx
uuuu uuuu
10Dh
EEADR
EEPROM/Flash Address Register Low Byte
xxxx xxxx
uuuu uuuu
10Eh
EEDATH
—
—
EEPROM/Flash Data Register High Byte
--xx xxxx
--uu uuuu
10Fh
EEADRH
—
—
—
—
—
EEPROM/Flash Address
Register High Byte
---- -xxx
---- -uuu
18Ch
EECON1 EEPGD
—
—
FREE
WRERR
WREN
WR
RD
x--x x000
x--x q000
18Dh
EECON2 EEPROM Control Register 2 (not a physical register)
---- ----
---- ----
0Dh
PIR2
—
—
—
EEIF
—
—
—
—
---0 ----
---0 ----
8Dh
PIE2
—
—
—EEIE
—
—
—
—
---0 ----
---0 ----
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’, q = value depends upon condition.
Shaded cells are not used by data EEPROM or Flash program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com