Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1485 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1485
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1485 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1485 Datasheet HTML 4Page - Semtech Corporation SC1485 Datasheet HTML 5Page - Semtech Corporation SC1485 Datasheet HTML 6Page - Semtech Corporation SC1485 Datasheet HTML 7Page - Semtech Corporation SC1485 Datasheet HTML 8Page - Semtech Corporation SC1485 Datasheet HTML 9Page - Semtech Corporation SC1485 Datasheet HTML 10Page - Semtech Corporation SC1485 Datasheet HTML 11Page - Semtech Corporation SC1485 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
 2004 Semtech Corp.
www.semtech.com
SC1485
POWER MANAGEMENT
Applications Information
+5V Bias Supplies
The SC1485 requires an external +5V bias supply in ad-
dition to the battery. If stand-alone capability is required,
the +5V supply can be generated with an external linear
regulator such as the Semtech LP2951A. To minimize
channel to channel crosstalk, each controller has 4 sup-
ply pins, VDDP, PGND, VCCA and AGND.
To avoid ground loops, separate AGND planes are rec-
ommended. Each contoller requires its own AGND plane
which should be tied by a single trace to the negative
terminal of that controller’s output capacitor. All external
components referenced to AGND in the schematic should
then be connected to the appropriate AGND plane. The
supply decoupling capacitor for controller 1 should be
tied between VCCA1 and AGND1. Likewise, the supply
decoupling capacitor for controller 2 should be tied be-
tween VCCA2 and AGND2. A single 10 ohm resistor
should be used to decouple the VCCA supplies from the
main VDDP supplies. PGND can then be a separate plane
which is not used for routing traces. All PGND connec-
tions are connected directly to this plane with special
attention given to avoiding indirect connections which
may create ground loops. As mentioned above, the two
AGND planes must be connected to the PGND plane at
the negative terminal of the respective output capaci-
tors.
The VDDP1 and VDDP2 input provides power to the up-
per and lower gate drivers. A decoupling capacitor for
each supply is recommended. No series resistor between
VDDP and the 5 volt bias is required.
Pseudo-fixed Frequency Constant On-Time PWM Con-
troller
The PWM control architecture consists of a constant-on-
time, pseudo fixed frequency PWM controller, (Figure 1).
The output ripple voltage developed across the output
filter capacitor’s ESR provides the PWM ramp signal elimi-
nating the need for a current sense resistor. The high-
side switch on-time is determined by a one-shot whose
period is directly proportional to output voltage and in-
versely proportional to input voltage. A second one-shot
sets the minimum off-time to 400ns typically.
On-Time One-Shot (T
ON)
The on-time one-shot comparator has two inputs. One
input looks at the output voltage, while the other input
samples the input voltage and converts it to a current.
This input proportional current is used to charge an in-
ternal on-time capacitor. The TON time is the time re-
quired for the voltage on this capacitor to charge from
zero volts to VOUT, thereby making the on-time of the
high-side switch directly proportional to output voltage
and inversely proportional to input voltage. This imple-
mentation results in a nearly constant switching frequency
without the need of a clock generator.


•
+
•
=
−
IN
OUT
3
TON
12
ON
V
V
)
10
x
37
R
(
10
x
3
.
3
T
+50ns
R
TON is a resistor connected from the input supply to the
TON pin. The graph on page 16 shows the relationship
between R
TON and switching frequency.
Enable & Psave
The SC1485 combines the ENABLE and PSAVE functions
into a single pin. When the pin is tied to ground the SMPS
is disabled. When it is tied to +5V the SMPS is enabled
and PSAVE is active. In order to enter PSAVE, The SC1485
PSAVE comparator will look for 8 consecutive inductor
current reversals. When this happens, the controller will
switch into PSAVE mode. At the same time, the SC1485
will increase the on-time by 1.5 times its set value. This
will increase the ripple current and ripple voltage by 1.5
times their continuous conduction mode (CCM) values.
This increase has two benefits. First, the reduction in
switching frequency will improve efficiency. Second, hys-
teresis is added to the PSAVE circuit. This is important
because when in PSAVE, the very first time a current re-
versal does not occur, the SC1485 will exit the PSAVE
mode. This allows the device to rapidly respond to tran-
sient load conditions, while adding hysteresis to elimi-
nate false PSAVE exits.
When the pin is left floating, the pin is internally pulled to
2V, enabling the SMPS in CCM.
Output Voltage Selection
The output voltage selection is set by the feedback re-
sistors R2 & R3 of Figure 3. The internal reference is
1.5V. The internal feedback pin is multiplied by three to
match the 1.5V reference. Therefore the output can be
selected to a minimum of 0.5V. The equation for select-
ing the output voltage based on Figure 3 is:
5
.
0
3
R
2
R
1
V
OUT
•
 +
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com