Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1485 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC1485
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1485 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC1485 Datasheet HTML 8Page - Semtech Corporation SC1485 Datasheet HTML 9Page - Semtech Corporation SC1485 Datasheet HTML 10Page - Semtech Corporation SC1485 Datasheet HTML 11Page - Semtech Corporation SC1485 Datasheet HTML 12Page - Semtech Corporation SC1485 Datasheet HTML 13Page - Semtech Corporation SC1485 Datasheet HTML 14Page - Semtech Corporation SC1485 Datasheet HTML 15Page - Semtech Corporation SC1485 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
 2004 Semtech Corp.
www.semtech.com
SC1485
POWER MANAGEMENT
Layout Guidelines - see Application Note AN02-6
1485 System DC Accuracy
Three IC parameters affect system DC accuracy, the
internal band gap reference, the error comparator offset
voltage, and the switching frequency variation with line
and load.
The internal 1% 1.5V reference contains two error
components, a 0.5% DC error and a 0.5% supply and
temperature error. The error comparator offset is
trimmed so that it trips when the feedback pin is nominally
0.5 volts +/-1% at room temperature. The comparator
offset trim compensates for any DC error in the reference.
Thus, the percentage error is the sum of the reference
variation over supply and temperature and the offset in
the error comparator or 1.5%.
The on pulse in the SC1485 is calculated to give a pseudo
fixed frequency. Nevertheless, some frequency variation
with line and load can be expected. This variation changes
the output ripple voltage. Because constant on regulators
regulate to the valley of the output ripple, ½ of the output
ripple appears as a DC regulation error. For example, if
the feedback resistors are chosen to divide down the
output by a factor of five, the valley of the output ripple
will be 2.5V. If the ripple is 50mv with VIN = 6 volts, then
the measured DC output will be 2.525 volts. If the ripple
increases to 80mv with VIN = 25 volts, then the
measured DC output will be 2.540. The best way to
minimize this effect is to minimize the output ripple.
To compensate for valley regulation is usually desirable
to use passive droop. Take the feedback directly from
the output side of the inductor incorporating a small
amount of trace resistance between the inductor and
output capacitor. This trace resistance should be
optimized so that at full load the output droops to near
the lower regulation limit. Passive droop minimizes the
required output capacitance because the voltage
excursions due to load steps are reduced.
Board components and layout also influence DC
accuracy. The use of 1% feedback resistors contribute
1%. If tighter DC accuracy is required use 0.1% feedback
resistors.
The output inductor value may change with current. This
will change the output ripple and thus the DC output
voltage. It will not change the frequency.
Applications Information (Cont.)
Switching frequency variation with load can be minimized
by choosing lower RDSON MOSFETs. High RDSON
MOSFETS will cause the switching frequency to increase
as the load current increases. This will reduce the ripple
and thus the DC output voltage. This inherent droop
should be considered when deciding if passive droop is
required. If the output ripple some passive droop may
be desirable to further reduce the output capacitance.
Thermal Considerations
The junction temperature of the device may be calculated
as follows:
C
P
T
T
JA
D
A
J
°
θ
•
+
=
Where:
T
A = ambient temperature (°C)
P
D = power dissipation in (W)
θ
JA = thermal impedance junction to ambient from
absolute maximum ratings (°C/W)
The power dissipation may be calculated as follows:
() W
f
Q
V
I
VCCA
2
P
g
g
VCCA
D
•
•
+
•
•
=
Where:
VCCA = chip supply voltage (V)
I
VCCA = operating current (A)
V
g = gate drive voltage, typically 5V (V)
Q
g = FET gate charge, from the FET datasheet (C)
f = switching frequency (kHz)
Inserting the following values as an example:
T
A = 85°C
θ
JA = 37°C/W
VCCA = 5V
I
VCCA = 1100µA (data sheet maximum)
V
g = 5V
Q
g = 60nC
f = 300kHz (enter the higher of the two set frequencies
here)
gives us:
()
C
92
37
10
300
10
60
5
10
1100
5
2
85
T
3
9
6
J
°
=
•
•
•
•
•
+
•
•
•
+
=
−
−
As can be seen, the heating effects due to internal power
dissipation are practically negligible, thus requiring no
special consideration thermally during layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com