Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ4473GL Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MPQ4473GL
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter with AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4473GL Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MPQ4473GL Datasheet HTML 12Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 13Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 14Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 15Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 16Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 17Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 18Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 19Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MPQ4473
–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4473 Rev. 1.01
www.MonolithicPower.com
16
5/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
To set VOUT, connect a resistor divider from the
output voltage to the FB pin.
Without an external ramp, the feedback resistors
(R1 and R2) set the output voltage. To determine
the values for the resistors, first choose R2
(typically 5
kΩ-40kΩ). Then R
1 is calculated as
follows:
OUT
REF
REF
VV
R1
R2
V

(10)
When using a low-ESR ceramic capacitor on the
output, add an external voltage ramp to the FB
pin through R4 and C4. The ramp voltage (VRAMP)
affects output voltage. Calculate VRAMP using
equation 19. Choose R2 between 5kΩ and 40kΩ.
Determine R1 as follows :
1
4
2
1
1
2
1
2
1
R
)
V
V
V
(
R
V
V
R
RAMP
REF
OUT
RAMP
REF
(11)
Using equation 11 to calculate the output voltage
is complicated. As VRAMP changes (due to
changes in VOUT and VIN), VFB also varies. To
improve output-voltage accuracy and simplify the
R2 calculation from equation 11, add a DC-
blocking capacitor (CDC). Figure 9 shows a
simplified
circuit
with
external
ramp
compensation
and a DC-blocking
capacitor.
(Equation 10 can then estimate R1.)
Select a CDC value between 1µF and 4.7μF to
improve DC-blocking performance.
Figure 9: Simplified Circuit with External Ramp
Compensation and DC-Blocking Capacitor
Input Capacitor
The input current to the step-down converter is
discontinuous,
requiring a capacitor to supply
the AC current while maintaining the DC-input
voltage. Ceramic capacitors are recommended
for high performance. Place the input capacitors
as close to the IN pin as possible.
The
capacitance
varies
significantly
with
temperature. Capacitors with X5R and X7R
ceramic
dielectrics
are
fairly
stable
over
temperature fluctuations.
The capacitors must have a ripple-current rating
greater than the
converter’s maximum input-
ripple current. The input-ripple current can be
estimated as follows:
OUT
OUT
CIN
OUT
IN
IN
VV
I
I
(1
)
VV
 
(12)
The worst condition occurs at VIN = 2VOUT:
where,
OUT
CIN
I
I
2
(13)
To
simplify
calculations,
choose
an
input
capacitor whose RMS-current rating is greater
than half of the maximum load current. The input-
capacitance value determines the input-voltage
ripple of the converter. If there is an input-
voltage-ripple requirement in the system design,
choose
an
input
capacitor
that meets the
specification
The input-voltage ripple can be estimated as
follows:
OUT
OUT
OUT
IN
SW
IN
IN
IN
I
V
V
V
(1
)
F
C
V
V
 
(14)
The worst condition occurs at VIN = 2VOUT:
where,
OUT
IN
SW
IN
I
1
V
4
F
C
 
(15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com