Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ4473GL Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ4473GL
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter with AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4473GL Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ4473GL Datasheet HTML 7Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 8Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 9Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 10Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 11Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 12Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 13Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 14Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
MPQ4473
–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4473 Rev. 1.01
www.MonolithicPower.com
11
5/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
BLOCK DIAGRAM
Over-Current
Timer
MPQ4473
EN
Reference
VIN
SW
PGOOD
Comparartor
GND
Refresh
Timer
BST
SOFT
Start/Stop
Enable
+
-
SS
0.8V
FB
UV Detect
Comparator
Amplifier
+
-
Current
Sense
LS
Driver
HS
Driver
Current
Modulator
LOGIC
BSTREG
xS
xR
Q
UV
ON
Timer
OFF
Timer
5V
LDO
SS
FB
PG
0.4V
0.8V
1.0V
LOOP
Comparartor
+
OC
PWM
VCC
RSEN
AGND
FREQ
1MEG
HS ILIM
Comparator
ILIM
R3
Vcc
Over-Current
Timer
MPQ4473
EN
Reference
VIN
SW
PGOOD
Comparartor
GND
Refresh
Timer
BST
SOFT
Start/Stop
Enable
+
-
SS
0.8V
FB
UV Detect
Comparator
Amplifier
+
-
Current
Sense
LS
Driver
HS
Driver
Current
Modulator
LOGIC
BSTREG
xS
xR
Q
UV
ON
Timer
OFF
Timer
5V
LDO
SS
FB
PG
0.4V
0.8V
1.0V
LOOP
Comparartor
+
OC
PWM
VCC
RSEN
AGND
FREQ
1MEG
HS ILIM
Comparator
ILIM
R3
Vcc
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com