Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC837 Datasheet(PDF) 22 Page - Vitesse Semiconductor Corporation

Part # VSC837
Description  3.2Gb/s 68x68 Crosspoint Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC837 Datasheet(HTML) 22 Page - Vitesse Semiconductor Corporation

Back Button VSC837 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 26Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC837
3.2Gb/s
68x68 Crosspoint Switch
Page 22
G52309-0, Rev 3.0
02/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
VCC
B25
Positive Power Supply
2.5V
VCC
B26
Positive Power Supply
2.5V
VCC
B27
Positive Power Supply
2.5V
VCC
B28
Positive Power Supply
2.5V
VCC
B29
Positive Power Supply
2.5V
VCC
B3
Positive Power Supply
2.5V
VCC
B4
Positive Power Supply
2.5V
VCC
B5
Positive Power Supply
2.5V
VCC
C1
Positive Power Supply
2.5V
VCC
C2
Positive Power Supply
2.5V
VCC
C25
Positive Power Supply
2.5V
VCC
C26
Positive Power Supply
2.5V
VCC
C27
Positive Power Supply
2.5V
VCC
C28
Positive Power Supply
2.5V
VCC
C29
Positive Power Supply
2.5V
VCC
C3
Positive Power Supply
2.5V
VCC
C4
Positive Power Supply
2.5V
VCC
C5
Positive Power Supply
2.5V
VCC
D1
Positive Power Supply
2.5V
VCC
D2
Positive Power Supply
2.5V
VCC
D25
Positive Power Supply
2.5V
VCC
D26
Positive Power Supply
2.5V
VCC
D27
Positive Power Supply
2.5V
VCC
D28
Positive Power Supply
2.5V
VCC
D29
Positive Power Supply
2.5V
VCC
D3
Positive Power Supply
2.5V
VCC
D4
Positive Power Supply
2.5V
VCC
D5
Positive Power Supply
2.5V
VCC
E1
Positive Power Supply
2.5V
VCC
E2
Positive Power Supply
2.5V
VCC
E25
Positive Power Supply
2.5V
VCC
E26
Positive Power Supply
2.5V
VCC
E27
Positive Power Supply
2.5V
VCC
E28
Positive Power Supply
2.5V
VCC
E29
Positive Power Supply
2.5V
VCC
E3
Positive Power Supply
2.5V
VCC
E4
Positive Power Supply
2.5V
VCC
E5
Positive Power Supply
2.5V
VEEP_T1
C22
Negative Power Supply for Inputs A4/AN4+A6/AN6
GND
Signal Name
Pin
Function
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com