Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC837 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC837
Description  3.2Gb/s 68x68 Crosspoint Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC837 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC837 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC837
3.2Gb/s
68x68 Crosspoint Switch
G52309-0, Rev 3.0
Page 3
02/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Programming Interface
Parallel Mode
In parallel mode (SERIAL=0, BURST=0), the binary word on INCHAN[6:0] is the numerical identifier of
the input that will be routed to the specified output. OUTCHAN[6:0] is the numerical identifier of the output
being programmed. A rising edge on the LOAD signal will transfer the programming data to the shadow regis-
ter in the program memory. Raising CONFIG (asynchronously) will transfer the programming data to the main
latches in the program memory and cause the internal select signals in the core to re-configure the multiplexer.
Lowering CONFIG will latch the main latches. CONFIG may be tied HIGH to enable programming take effect
instantaneously.
This interface may be used with multiplexed address/data buses by using only INCHAN[6:0] without
OUTCHAN[6:0] and dropping ALE when the address of the output to be programmed is present on
INCHAN[6:0]. After the address is latched, the input address may be presented on INCHAN[6:0] and pro-
gramming proceeds as above.
No read-back capability is provided in parallel mode. Read-back for diagnostic purposes is provided in
serial mode via the scan function.
Serial Mode
In serial mode (SERIAL=1, BURST=0), the INCHAN0 pin becomes the serial data input and the
INCHAN1 pin becomes the serial clock (rising edge triggered). A serial word of the form [Output][Input] is
shifted into the internal shift register, and the LOAD pin is asserted (HIGH) coincident with the last bit of the
data word to signal that the word is to be applied. This transfers the input identifier to the shadow register of the
addressed output. CONFIG is then applied (asynchronously) to transfer one or more program commands to the
main latches of the program memories.
The SDOUT pin follows the data on the INCHAN0_SDIN pin 14 clock cycles later. This enables the user
to chain the serial ports of several crosspoints, shift program data for all switches through such a chain, and
assert LOAD on all switches simultaneously to program all of the connections simultaneously.
The output field is 7 bits long, representing the binary numerical identifier of the output to be programmed.
The input field is 7 bits long, representing the numerical identifier of the input that will be routed to the speci-
fied output.
Serial Read-Back
Read-back of the program memory contents is accomplished in serial mode by setting the ALE_SCN pin
HIGH. This will serially shift out the contents of the main latches in the program memories, slice 68 first and
slice 0 last, and MSB-first, LSB-last for each 7-bit word. One rising edge of INCHAN1_SCLK with
ALE_SCN=0 and SERIAL=1 must occur to load the entire 483-bit shift register prior to shifting out data. At a
clock rate of 66MHz, this operation takes 7.26
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com