Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMW Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # MMW
Description  Single and Dual Output 4:1 Input Voltage Range 25~30 Watt DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MMW Datasheet(HTML) 5 Page - Wall Industries,Inc.

  MMW Datasheet HTML 1Page - Wall Industries,Inc. MMW Datasheet HTML 2Page - Wall Industries,Inc. MMW Datasheet HTML 3Page - Wall Industries,Inc. MMW Datasheet HTML 4Page - Wall Industries,Inc. MMW Datasheet HTML 5Page - Wall Industries,Inc. MMW Datasheet HTML 6Page - Wall Industries,Inc. MMW Datasheet HTML 7Page - Wall Industries,Inc. MMW Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/14/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 5 of 8
MMW Series
Single and Dual Output
4:1 Input Voltage Range
25~30 Watt DC/DC Converter
Rev C
DERATING CURVE
¡ã
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
DESIGN & FEATURE CONSIDERATIONS
Over Current Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can
endure current limiting for an unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to
current control. The unit operates normally once the output current is brought back into its specified range.
Over Voltage Protection
The output over voltage clamp consists of control circuitry that is dependent on the primary regulation loop that monitors the
voltage on the output terminals. The control loop of the clamp has a higher voltage set point than the primary loop. This
provides a redundant voltage control that reduces the risk of an output over voltage. The OVP level can be found in the
protection specifications.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect
the stability of the power module. In applications where power is supplied over long lines and output loading is high, it may
be necessary to use a capacitor at the input to ensure startup. A capacitor mounted close to the power module helps ensure
stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR < 1.0Ω at 100KHz)
capacitor of a 33μF for the 24V input models and a 10μF for the 48V input models.
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
Ambient Temperature (°C)
~



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com