Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMW Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # MMW
Description  Single and Dual Output 4:1 Input Voltage Range 25~30 Watt DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MMW Datasheet(HTML) 6 Page - Wall Industries,Inc.

  MMW Datasheet HTML 1Page - Wall Industries,Inc. MMW Datasheet HTML 2Page - Wall Industries,Inc. MMW Datasheet HTML 3Page - Wall Industries,Inc. MMW Datasheet HTML 4Page - Wall Industries,Inc. MMW Datasheet HTML 5Page - Wall Industries,Inc. MMW Datasheet HTML 6Page - Wall Industries,Inc. MMW Datasheet HTML 7Page - Wall Industries,Inc. MMW Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/14/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 6 of 8
MMW Series
Single and Dual Output
4:1 Input Voltage Range
25~30 Watt DC/DC Converter
Rev C
Remote On/Off
Positive logic remote on/off turns the module on during a logic high voltage on the remote on/off pin, and turns the module off
during a logic low. To turn the power module on and off, the user must supply a switch to control the voltage between the
on/off terminal and the -Vin terminal. The switch can be an open collector or equivalent.
A logic low is -1V to 1.0V.
A logic high is 2.5V to 100V.
The maximum sink current at the on/off terminal (pin 4) during a logic low is -100μA. The maximum allowable leakage
current of the switch at the on/off terminal (pin 4) during a logic high (2.5 to 100V) is 5μA.
Output Voltage Trim
Output voltage trim allows the user to increase or decrease the output voltage set point of a module. The output voltage can
be adjusted by placing an external resistor (R) between the Trim and +Vout or –Vout terminals. By adjusting R, the output
voltage can be changed by ±10% of the nominal output voltage.
+Out
-Out
+Vin
-Vin
Trim Up
Enable
Trim
Trim Down
10K
Trim
Up/Down
A 10K, 1 or 10 turn trimpot is usually specified for continuous trimming. Trim pin may be safely left floating if it is not being
used. Connecting the external resistor (Rup) between the Trim and –Vout pins increases the output voltage to set the point as
defined in the following equation:
(33 x Vout) - (30 x Vadj)
Rup =
Vadj - Vout
Connecting the external resistor (Rdown) between the Trim and +Vout pins decreases the output voltage set point as defined
in the following equation:
(36.667 x Vadj) - (33 x Vout)
Rdown =
Vout - Vadj
Vout:
Nominal Output Voltage
Vadj:
Adjusted Output Voltage
Units
VDC / KΩ
Maximum Capacitive Load
The MMW Series has a limitation of maximum connected capacitance at the output. The power module may be operated in
current limiting mode during start-up, affecting the ramp-up and the startup time. For optimum performance we recommend
330μF maximum capacitive load for 12V and 15V outputs and 10,000μF capacitive load for 3.3V and 5V outputs. The
maximum capacitance can be found in the Output Voltage / Current Rating Chart.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com