Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWPSLM31.CM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWPSLM31.CM
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWPSLM31.CM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWPSLM31.CM Datasheet HTML 1Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 2Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 3Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 4Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 5Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 6Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 7Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 8Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2017-07-07
1
2017-07-07
DURIS
® S 5
Datasheet
Version 1.3
GW PSLM31.CM
The compact, mid-power DURIS S 5 LED addresses
three different luminous flux levels, using just one
package and solder pad. With high efficacies, color
quality and long lifetimes it is the ideal choice for all
indoor General Lighting applications.
Die kompakte DURIS S 5 LED wird in drei
unterschiedlichen Lumenpaketen mit identischem
Package und footprint angeboten. Aufgrund des
hohen Wirkungsgrades, der ausgezeichneten
Lichtqualität und der langen Lebensdauer ist die
DURIS S 5 die ideale Wahl für alle Anwendungen in
der Innenraumbeleuchtung.
Features:
Besondere Merkmale:
•
Package: white SMT package, colored diffused
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 2700 K - 4000 K (white)
•
Farbe: 2700 K - 4000 K (weiß)
•
CRI: min. 90 ( typ. 92 )
•
CRI: min. 90 ( typ. 92 )
•
Luminous Flux: typ. 25 lm @ 3000 K
•
Lichtstrom: typ. 25 lm @ 3000 K
•
Luminous efficacy: typ. 133 lm/W @ 3000 K
•
Lichtausbeute: typ. 133 lm/W @ 3000 K
Applications
Anwendungen
•
Professional downlights
•
Professionelle Downlights
•
Indoor General Lighting
•
Innen-Allgemeinbeleuchtung
•
Linear lights
•
Linearbeleuchtung
•
Retrofits and fixtures
•
Retrofits


Similar Part No. - GWPSLM31.CM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWPSLM31.EM OSRAM-GWPSLM31.EM Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
More results

Similar Description - GWPSLM31.CM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
white SMT package, colored diffused silicone resin
GW-P7LM32.CM OSRAM-GW-P7LM32.CM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LR32.EM OSRAM-GW-P9LR32.EM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LT32.EM OSRAM-GW-P9LT32.EM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GW-PSLM31.EM OSRAM-GW-PSLM31.EM Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com