Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWPSLM31.CM Datasheet(PDF) 12 Page - OSRAM GmbH

Part # GWPSLM31.CM
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWPSLM31.CM Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button GWPSLM31.CM Datasheet HTML 8Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 9Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 10Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 11Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 12Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 13Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 14Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 15Page - OSRAM GmbH GWPSLM31.CM Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Version 1.3
GW PSLM31.CM
ΔVF = VF - VF(25 °C) = f(Tj); IF = 65 mA
ΦV/ΦV(25 °C) = f(Tj); IF = 65 mA
ΔCx, ΔCy = f(Tj); IF = 65 mA
GW PSLM31.CM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,10
-0,05
0,00
0,05
0,10
0,15
0,20
∆V
F [V]
GW PSLM31.CM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
v
Φ
v(25°C)
GW PSLM31.CM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: Cx -
: Cy -
2017-07-07
12
Relative Forward Voltage 6) page 23
Relative Vorwärtsspannung 6) Seite 23
Relative Luminous Flux 6) page 23
Relativer Lichtstrom 6) Seite 23
Chromaticity Coordinate Shift 6) page 23
Farbortverschiebung 6) Seite 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com