Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM340T Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # COM340T
Description  (COTS) COMMERCIAL OFF-THE-SHELF POWER MOSFETS IN TO-257AA PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

COM340T Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  COM340T Datasheet HTML 1Page - List of Unclassifed Manufacturers COM340T Datasheet HTML 2Page - List of Unclassifed Manufacturers COM340T Datasheet HTML 3Page - List of Unclassifed Manufacturers COM340T Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
COM140T - COM440T
3.1
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise noted)
Parameter
COM140T
COM240T COM340T
COM440T
Units
V
DS
Drain-Source Voltage
100
200
400
500
V
V
DGR
Drain-Gate Voltage (R
GS = 1 M )
100
200
400
500
V
I
D @
T
C = 25°C
Continuous Drain Current 2
± 14
± 14
± 10
± 8
A
I
D @
T
C = 100°C
Continuous Drain Current 2
± 14
± 11
± 6
± 5
A
I
DM
Pulsed Drain Current1
± 56
± 56
± 40
± 32
A
V
GS
Gate-Source Voltage
± 20
± 20
± 20
± 20
V
P
D @
T
C = 25°C
Maximum Power Dissipation
125
125
125
125
W
P
D @
T
C = 100°C
Maximum Power Dissipation
50
50
50
50
W
Junction To Case
Linear Derating Factor
1.0
1.0
1.0
1.0
W/°C
Junction To Ambient Linear Derating Factor
.015
.015
.015
.015
W/°C
T
J
Operating and
T
stg
Storage Temperature Range
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Lead Temperature
(1/16" from case for 10 secs.)
300
300
300
300
°C
1
Pulse Test: Pulse width
300 µsec.
Duty Cycle
2%.
2
Package pin limitation = 10 Amps
THERMAL RESISTANCE
R
thJC
Junction-to-Case
1.00
°C/W
R
thJA
Junction-to-Ambient
65
°C/W
Free Air Operation
POWER
DERATING
MECHANICAL OUTLINE
TO-257
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com