Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM340T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # COM340T
Description  (COTS) COMMERCIAL OFF-THE-SHELF POWER MOSFETS IN TO-257AA PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

COM340T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  COM340T Datasheet HTML 1Page - List of Unclassifed Manufacturers COM340T Datasheet HTML 2Page - List of Unclassifed Manufacturers COM340T Datasheet HTML 3Page - List of Unclassifed Manufacturers COM340T Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.1 - 1
3.1
100V Thru 500V, Up To 14 Amp, N-Channel
MOSFETs In Hermetic Metal Package
8 09 R0
(COTS) COMMERCIAL OFF-THE-SHELF
POWER MOSFETS IN TO-257AA PACKAGE
COM340T
COM440T
COM140T
COM240T
PART
NUMBER
V
DS
R
DS(on)
I
D(MAX)
COM140T
100V
.12
14A
COM240T
200V
.21
14A
COM340T
400V
.59
10A
COM440T
500V
.90
7A
SCHEMATIC
CONNECTION DIAGRAM
12
3
1.
GATE
2.
DRAIN
3.
SOURCE
FEATURES
• Isolated Hermetic Metal Package
• Fast Switching
• Low R
DS(on)
DESCRIPTION
This series of hermetically packaged products feature the latest advanced MOS-
FET and packaging technology. They are ideally suited for Military requirements
where small size, high performance and high reliability are required, and in appli-
cations such as switching power supplies, motor controls, inverters, choppers,
audio amplifiers and high energy pulse circuits.
MAXIMUM RATINGS @ 25°C


Similar Part No. - COM340T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
COM3 MICROCHIP-COM3 Datasheet
197Kb / 6P
64-Pin 8-Bit Flash Microcontroller Product Brief
2008
logo
Campbell Scientific Uni...
COM320 CAMPBELL-COM320 Datasheet
529Kb / 2P
Voice Phone Modem
08/06/2020
logo
DFI Inc
COM330-B DFI-COM330-B Datasheet
325Kb / 2P
COM Express Carrier Board
COM331-B DFI-COM331-B Datasheet
763Kb / 2P
COM Express Carrier Board
COM332-B DFI-COM332-B Datasheet
1Mb / 1P
COM Express Carrier Board
More results

Similar Description - COM340T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM117T ETC-COM117T Datasheet
17Kb / 2P
(COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PACKAGE
COM137T ETC-COM137T Datasheet
18Kb / 2P
(COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP NEGATIVE, ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PKG
COM7812 ETC-COM7812 Datasheet
42Kb / 4P
COMMERCIAL OFF-THE-SHELF POSITIVE FIXED VOLTAGE REGULATORS IN TO-257 PAC K
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
COM5221A ETC1-COM5221A Datasheet
31Kb / 2P
(COTS) COMMERCIAL OFF-THE-SHELF HIGH EFFICIENCY, CENTER-TAP RECTIFIER IN TO-254AA
COM7905T ETC1-COM7905T Datasheet
37Kb / 4P
COMMERCIAL OFF-THE-SHELF FIXED VOLTAGE NEGATIVE REGULATORS IN TO-257
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
logo
Kemet Corporation
F9038 KEMET-F9038 Datasheet
153Kb / 8P
Ceramic Commercial-Off-The-Shelf Surface Mount Capacitors (COTS)
logo
List of Unclassifed Man...
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
logo
Kemet Corporation
C1210T104K5RACTU KEMET-C1210T104K5RACTU Datasheet
1Mb / 23P
Commercial Off-The-Shelf (COTS) for Higher Reliability Applications, X7R Dielectric, 6.3 - 250 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com