Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2166GD Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2166GD
Description  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2166GD Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2166GD Datasheet HTML 13Page - Monolithic Power Systems MP2166GD Datasheet HTML 14Page - Monolithic Power Systems MP2166GD Datasheet HTML 15Page - Monolithic Power Systems MP2166GD Datasheet HTML 16Page - Monolithic Power Systems MP2166GD Datasheet HTML 17Page - Monolithic Power Systems MP2166GD Datasheet HTML 18Page - Monolithic Power Systems MP2166GD Datasheet HTML 19Page - Monolithic Power Systems MP2166GD Datasheet HTML 20Page - Monolithic Power Systems MP2166GD Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
MP2166
– 6V, DUAL 2A/2A OR 3A/1A, SYNC, BUCK REGULATOR WITH PG AND SS
MP2166 Rev. 1.0
www.MonolithicPower.com
18
3/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PCB Layout Guidelines
(6)
Efficient
PCB
layout
is
critical for
stable
operation.
A
four-layer
layout
is
strongly
recommended
to
achieve
better
thermal
performance. For best results, refer to Figure 6
and follow the guidelines below.
1. Place the high-current paths (PGND, VIN,
and SW) very close to the device with short,
direct, and wide traces.
2. Place input capacitors on both VIN sides
and as close to VIN and PGND as possible.
3. Place the decoupling capacitor as close to
VCC and AGND as possible.
4. Keep the switching node SW short and
away from the feedback network.
5. Place the external feedback resistors next
to FB. Do not place vias on the FB trace.
6. Connect PGND to a large copper area to
achieve better thermal performance.
Top Layer
Inner Layer 1
Inner Layer 2
Bottom Layer
Figure 6: Recommended PCB Layout
NOTE:
6)
The recommended PCB layout is based on Figure7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com