Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2166GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2166GD
Description  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2166GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2166GD Datasheet HTML 10Page - Monolithic Power Systems MP2166GD Datasheet HTML 11Page - Monolithic Power Systems MP2166GD Datasheet HTML 12Page - Monolithic Power Systems MP2166GD Datasheet HTML 13Page - Monolithic Power Systems MP2166GD Datasheet HTML 14Page - Monolithic Power Systems MP2166GD Datasheet HTML 15Page - Monolithic Power Systems MP2166GD Datasheet HTML 16Page - Monolithic Power Systems MP2166GD Datasheet HTML 17Page - Monolithic Power Systems MP2166GD Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
MP2166
– 6V, DUAL 2A/2A OR 3A/1A, SYNC, BUCK REGULATOR WITH PG AND SS
MP2166 Rev. 1.0
www.MonolithicPower.com
14
3/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP2166 is a fully integrated, dual-channel,
synchronous,
step-down
converter.
Both
channels use peak-current-mode control with
internal
compensation
for
fast
transient
response and cycle-to-cycle current limit.
The MP2166 is optimized for low-voltage,
portable applications where efficiency and small
size are critical.
180°Out-of-Phase Operation
The MP2166 operates the two channels in 180°
out-of-phase operation to reduce input current
ripple so a smaller input bypass capacitor can
be used. When both channels operate in CCM,
two internal clocks are used (see Figure 2). The
high-side MOSFET is turned on at the clock
rising edge of the corresponding channel.
CLK1
CLK2
SW1
SW2
t
CLk1, 2 has a 180
o phase shift
Figure 2: 180°Out-of-Phase Operation
At low dropout, when the switching frequency is
stretched out for each channel, the MP2166
runs at a fixed-off time with its own independent
switching frequency. After the input voltage
rises high again, frequency stretch mode ends,
and PWM mode resumes and synchronizes
with the master oscillator for out-of-phase
operation.
Light-Load Operation
In light-load condition, the MP2166 can work in
two different operating modes by setting CCM
to different statuses.
The
MP2166
works
in
forced
continuous
conduction mode (CCM) when the CCM pin is
pulled higher than 1.6V. The MP2166 works
with fixed frequency from no load to full load in
this mode. The advantage of CCM is the
controllable frequency and lower output ripple
at light load.
The shutdown current in forced CCM mode
(50
μA at 3.3V) is much higher than AAM mode
due to some internal circuits are active. It is
recommended to pull CCM pin LOW when part
is shutdown if the high shutdown current is
cared.
The MP2166 works in advanced asynchronous
mode (AAM) when CCM is pulled lower than
0.4V. AAM is used to optimize efficiency during
light-load and no-load conditions.
When AAM mode is enabled, the MP2166 first
enters
non-synchronous
operation
as
the
inductor current approaches zero at light load. If
the load decreases further or is at no load,
which makes the internal COMP voltage (VCOMP)
decrease to the set value, then the MP2166
enters AAM. In AAM, the internal clock is reset
whenever VCOMP crosses over the set value,
and the crossover time is taken as the
benchmark of the next clock. When the load
increases and VCOMP is higher than the set
value, the operation mode is in DCM or CCM,
which has a constant switching frequency.
AAM Mode
Inductor
Current
t
t
t
Load
Decreased
Forced CCM Mode
Inductor
Current
t
t
t
Load
Decreased
Figure 3: AAM Mode and Forced CCM Mode
Soft Start (SS)
The MP2166 has a built-in soft start that ramps
up the output voltage at a controlled slew rate,
preventing an overshoot at start-up. The soft-
start time is about 0.5ms, typically.
The soft-start time can also be programmed by
an external capacitor connected to SS, shown
in Equation (1):
 
 
 
 
μA
I
V
V
nF
C
ms
t
SS
RFF
SS
SS
(1)
Where CSS is the external SS capacitor, VREF is
the internal reference voltage (0.6V), and ISS is
the 3.2µA SS charge current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com