Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT510X Datasheet(PDF) 33 Page - Active-Semi, Inc

Part # ACT510X
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT510X Datasheet(HTML) 33 Page - Active-Semi, Inc

Back Button ACT510X Datasheet HTML 29Page - Active-Semi, Inc ACT510X Datasheet HTML 30Page - Active-Semi, Inc ACT510X Datasheet HTML 31Page - Active-Semi, Inc ACT510X Datasheet HTML 32Page - Active-Semi, Inc ACT510X Datasheet HTML 33Page - Active-Semi, Inc ACT510X Datasheet HTML 34Page - Active-Semi, Inc ACT510X Datasheet HTML 35Page - Active-Semi, Inc ACT510X Datasheet HTML 36Page - Active-Semi, Inc ACT510X Datasheet HTML 37Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
ACT510x
Rev 1.0, 04-Apr-2018
33
7
RFU
0
6
VIN_UV_OFFSET[6]
0
Y
6400 mV
Input UV offset voltage
Offset: 5V
Range: 5V (0000000) ~ 15.2V (1111111)
5
VIN_UV_OFFSET [5]
0
Y
3200 mV
4
VIN_UV_OFFSET [4]
0
Y
1600 mV
3
VIN_UV_OFFSET [3]
0
Y
800 mV
2
VIN_UV_OFFSET [2]
0
Y
400 mV
1
VIN_UV_OFFSET [1]
0
Y
200 mV
0
VIN_UV_OFFSET [0]
0
Y
100 mV
REG 0x1B: RFU (R/W) (NVM)
REG 0x1C: RFU (R/W) (NVM)
REG 0x1D: FREQUENCY (R/W) (NVM)
Bit
Name
Description
Comment
7
FREQ_SEL[1]
1
Y
Frequency Selection
Settings for SMPS
00: 125kHz
01: 250kHz
10: 500kHz
11: 1MHz
Operation Frequency Settings
Note: These can NOT be changed “on the fly” and each
setting requires a different inductor value and capacitors
and compensation components.
CARE SHOULD BE TAKEN WHEN WRITING TO THIS
REGISTER TO AVOID CHANGING THE FREQUENCY
WHILE OPERATING
6
FREQ_SEL[0]
0
Y
5
RFU
4
RFU
0
Y
3
RFU
1
Y
2
RFU
0
Y
1
TREG[1]
1
Y
00: Disable
01: 80°C
10: 100°C
Die temperature regulation threshold
0
TREG[0]
1
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com