Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT510X Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT510X
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT510X Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT510X Datasheet HTML 3Page - Active-Semi, Inc ACT510X Datasheet HTML 4Page - Active-Semi, Inc ACT510X Datasheet HTML 5Page - Active-Semi, Inc ACT510X Datasheet HTML 6Page - Active-Semi, Inc ACT510X Datasheet HTML 7Page - Active-Semi, Inc ACT510X Datasheet HTML 8Page - Active-Semi, Inc ACT510X Datasheet HTML 9Page - Active-Semi, Inc ACT510X Datasheet HTML 10Page - Active-Semi, Inc ACT510X Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
ACT510x
Rev 1.0, 04-Apr-2018
7
Off Delay Current Timer
tOUT_OFF_DLY
EN_DLY Enabled
-10
OFF_DLY
Setting
+10
%
Off Delay Current
IOUT_OFF_LOAD
OFF_LOAD=0
Converter in Buck Mode Only
VIN > VOUT + 0.5V
0.5
1
1.5
mA
OFF_LOAD=1
Converter in Buck Mode Only
VIN > VOUT + 0.5V
4
5
6
mA
Cord Compensation
Accuracy
VOUT_CC
Cord Compensation Enabled
CORD_COMP:
00: Disabled
01: 100mV
10: 200mV
11: 300mV
Measured at VOUT Pin
-15
CORD_
COMP
Setting
+15
%
Output Slew Accuracy
tOUT_SLEW
Output Slew Setting
OUTPUT_SLEW
00: 1.0V/ms
01: 0.5V/ms
10: 0.3V/ms
11: 0.1V/ms
Internal Feedback Only
VOUT_I2C Register = 1
-20
OUTPU
T_SLE
W
Setting
+20
%
Input Current ILIM
IILIM
IILIM = 0.5A to 1A
-20
IILIM
+20
%
IILIM = 1A to 2A
-15
IILIM
+15
%
PWM OPERATION
Frequency Range
fSW
125
1000
kHz
Operation Frequency Accuracy
fSW
-10%
+10%
kHz
Maximum PWM Duty Cycle
DMAX
97
%
VREG LDO
VREG Regulation Voltage
VREG
2
5.1
V
VREG Regulation Accuracy
VREGACC
At Default Factory Setting
-2
2
%
VREG Dropout
VREGDROPOUT
IOUT=100mA
300
mV
VREG UVLO Threshold
VREGUVLO
VREG Falling
85
88
91
%
VREG UVLO Hysteresis
VREGUVLO_HYST
2
%
VREG Current Limit
VREGILIM
VVIN = 12V, VREG = 5V
100
200
mA
VREG Current Limit Deglitch
VREGILIM_DG
In current limit
50
us
VREG Current Limit Off Time
VREGILIM_OFF
After Deglitch Time
100
ms
VREG Soft Start
VREGSS
250
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com